Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJC097PK2B100K Datasheet(PDF) 4 Page - TOCOSAMERICA, INC.

Part # RJC097PK2B100K
Description  3/4?쇺? Rectilinear, 15-Turn, Through-Hole, Sealed Cermet Trimmers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RJC097PK2B100K Datasheet(HTML) 4 Page - TOCOSAMERICA, INC.

  RJC097PK2B100K Datasheet HTML 1Page - TOCOSAMERICA, INC. RJC097PK2B100K Datasheet HTML 2Page - TOCOSAMERICA, INC. RJC097PK2B100K Datasheet HTML 3Page - TOCOSAMERICA, INC. RJC097PK2B100K Datasheet HTML 4Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
110
Part Numbers
Potentiometer
Styles
Nominal Resistance
Catalog No. Bulk
Value (
Ω)
Code
Resistance
Tolerance
10%
Resistance
Tolerance
20%
RJC097PK2 B 100 K
RJC097PK2 B 200 K
RJC097PK2 B 500 K
RJC097PK2 B 101 K
RJC097PK2 B 201 K
RJC097PK2 B 501 K
RJC097PK2 B 102 K
RJC097PK2 B 202 K
RJC097PK2 B 502 K
RJC097PK2 B 103 K
RJC097PK2 B 203 K
RJC097PK2 B 503 K
RJC097PK2 B 104 K
RJC097PK2 B 204 K
RJC097PK2 B 504 K
RJC097PK2 B 105 K
RJC097PK2 B 100 M
RJC097PK2 B 200 M
RJC097PK2 B 500 M
RJC097PK2 B 101 M
RJC097PK2 B 201 M
RJC097PK2 B 501 M
RJC097PK2 B 102 M
RJC097PK2 B 202 M
RJC097PK2 B 502 M
RJC097PK2 B 103 M
RJC097PK2 B 203 M
RJC097PK2 B 503 M
RJC097PK2 B 104 M
RJC097PK2 B 204 M
RJC097PK2 B 504 M
RJC097PK2 B 105 M
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
RJC097PK2 Through-Hole, P Terminal Style, Extended Shaft, Permanent Large Knob, Side Adjust
RJC097PK1 B 100 K
RJC097PK1 B 200 K
RJC097PK1 B 500 K
RJC097PK1 B 101 K
RJC097PK1 B 201 K
RJC097PK1 B 501 K
RJC097PK1 B 102 K
RJC097PK1 B 202 K
RJC097PK1 B 502 K
RJC097PK1 B 103 K
RJC097PK1 B 203 K
RJC097PK1 B 503 K
RJC097PK1 B 104 K
RJC097PK1 B 204 K
RJC097PK1 B 504 K
RJC097PK1 B 105 K
RJC097PK1 B 100 M
RJC097PK1 B 200 M
RJC097PK1 B 500 M
RJC097PK1 B 101 M
RJC097PK1 B 201 M
RJC097PK1 B 501 M
RJC097PK1 B 102 M
RJC097PK1 B 202 M
RJC097PK1 B 502 M
RJC097PK1 B 103 M
RJC097PK1 B 203 M
RJC097PK1 B 503 M
RJC097PK1 B 104 M
RJC097PK1 B 204 M
RJC097PK1 B 504 M
RJC097PK1 B 105 M
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
RJC097PK1 Through-Hole, P Terminal Style, Single-Slot, Extended Shaft, Removable Large Knob, Side Adjust
RJC097 Series
Soldering and Cleaning Guidelines
For soldering, cleaning and other information, refer to Guidelines and Precautions for Using Potentiometers.
Packaging
Standard:
Bulk Packaging
Quantity
P & PK: 20 pieces per vinyl bag.
200 pieces per box.
PK1 & PK 2: 10 pieces per vinyl bag.
100 pieces per box.
RJC097PK1
RJC097PK2


Similar Part No. - RJC097PK2B100K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RJC097PK ETC-RJC097PK Datasheet
204Kb / 4P
   3/4 Rectilinear, 15-Turn, Through-Hole, Sealed Cermet Trimmers
More results

Similar Description - RJC097PK2B100K

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RJC07R TOCOS-RJC07R Datasheet
153Kb / 3P
   3/4?쇺? Rectilinear, 13-Turn, Through-Hole, Sealed Cermet Trimmers
logo
List of Unclassifed Man...
RJC097 ETC-RJC097 Datasheet
204Kb / 4P
   3/4 Rectilinear, 15-Turn, Through-Hole, Sealed Cermet Trimmers
logo
TOCOSAMERICA, INC.
GF063 TOCOS-GF063 Datasheet
793Kb / 12P
   1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
GF063-K TOCOS-GF063-K Datasheet
520Kb / 9P
   1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
J9WB103K TOCOS-J9WB103K Datasheet
134Kb / 2P
   3/8??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
RJC06 TOCOS-RJC06 Datasheet
226Kb / 5P
   1/4??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
GV6 TOCOS-GV6 Datasheet
298Kb / 5P
   1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
RJC26 TOCOS-RJC26 Datasheet
161Kb / 3P
   1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
logo
List of Unclassifed Man...
GF063-K ETC1-GF063-K Datasheet
833Kb / 9P
   1/4 SQUARE, SINGLE-TURN, THROUGH-HOLE SEALED CERMET TRIMMERS
logo
TOCOSAMERICA, INC.
GF04 TOCOS-GF04 Datasheet
198Kb / 4P
   4mm Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com