Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB840F Datasheet(PDF) 1 Page - Won-Top Electronics

Part # SB840F
Description  8.0A ISOLATION SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB840F Datasheet(HTML) 1 Page - Won-Top Electronics

  SB840F Datasheet HTML 1Page - Won-Top Electronics SB840F Datasheet HTML 2Page - Won-Top Electronics SB840F Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SB820F – SB8100F
1 of 3
© 2002 Won-Top Electronics
SB820F – SB8100F
8.0A ISOLATION SCHOTTKY BARRIER RECTIFIER
Features
!
Schottky Barrier Chip
B
!
Guard Ring for Transient Protection
!
High Current Capability, Low Forward
C
!
Low Reverse Leakage Current
!
High Surge Current Capability
G
A
!
Plastic Material has UL Flammability
Classification 94V-O
PIN1
2
                D
Mechanical Data
F
E
!
Case: ITO-220A Full Molded Plastic
!
Terminals: Plated Leads Solderable per
P
MIL-STD-202, Method 208
!
Polarity: See Diagram
I
!
Weight: 2.24 grams (approx.)
L
!
Mounting Position: Any
H
!
Marking: Type Number
PIN 1 +
J
PIN 2 -
K
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SB
820F
SB
830F
SB
840F
SB
850F
SB
860F
SB
880F
SB
8100F
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
50
60
80
100
V
RMS Reverse Voltage
VR(RMS)
14
21
28
35
42
56
70
V
Average Rectified Output Current
@TC = 95°C
IO
8.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
150
A
Forward Voltage
@IF = 8.0A
VFM
0.55
0.75
0.85
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.5
50
mA
Typical Junction Capacitance (Note 1)
Cj
700
pF
Typical Thermal Resistance Junction to Case (Note 2)
RJC
6.9
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal resistance junction to case mounted on heatsink.
WTE
POWER SEMICONDUCTORS
ITO-220A
Dim
Min
Max
A
14.9
15.1
B
10.5
C
2.62
2.87
D
3.56
4.06
E
13.46
14.22
F
0.68
0.94
G
3.74 Ø
3.91 Ø
H
5.84
6.86
I
4.44
4.70
J
2.54
2.79
K
0.35
0.64
L
1.14
1.40
P
4.95
5.20
All Dimensions in mm


Similar Part No. - SB840F

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
SB840F TRSYS-SB840F Datasheet
147Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB840F WTE-SB840F Datasheet
50Kb / 4P
   8.0A SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
SB840F PACELEADER-SB840F Datasheet
308Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB840F PANJIT-SB840F Datasheet
51Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB840FCT PANJIT-SB840FCT Datasheet
42Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
More results

Similar Description - SB840F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL830 DIODES-SBL830_1 Datasheet
75Kb / 3P
   8.0A SCHOTTKY BARRIER RECTIFIER
DS23044 Rev. 4 - 2
logo
Won-Top Electronics
SB820 WTE-SB820_06 Datasheet
50Kb / 4P
   8.0A SCHOTTKY BARRIER RECTIFIER
SB820F WTE-SB820F_06 Datasheet
50Kb / 4P
   8.0A SCHOTTKY BARRIER RECTIFIER
logo
Kersemi Electronic Co.,...
MBR860 KERSEMI-MBR860 Datasheet
428Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIER
MBR830 KERSEMI-MBR830 Datasheet
428Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIER
MBR835 KERSEMI-MBR835 Datasheet
428Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB820 WTE-SB820 Datasheet
37Kb / 3P
   8.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR870L DIODES-MBR870L Datasheet
63Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIER
DS30029 Rev. B-4
MBR830 DIODES-MBR830 Datasheet
64Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIER
DS30030 Rev. B-4
logo
Won-Top Electronics
SB820FCT WTE-SB820FCT Datasheet
49Kb / 4P
   8.0A DUAL SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com