Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE8.2A Datasheet(PDF) 5 Page - Won-Top Electronics

Part # P4KE8.2A
Description  400W TRANSIENT BOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

P4KE8.2A Datasheet(HTML) 5 Page - Won-Top Electronics

  P4KE8.2A Datasheet HTML 1Page - Won-Top Electronics P4KE8.2A Datasheet HTML 2Page - Won-Top Electronics P4KE8.2A Datasheet HTML 3Page - Won-Top Electronics P4KE8.2A Datasheet HTML 4Page - Won-Top Electronics P4KE8.2A Datasheet HTML 5Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
P4KE SERIES
5 of 5
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
!
!
!
Package Type
Shipping Quantity
P4KExx-T3
DO-41
5000/Tape & Reel
P4KExx-TB
DO-41
5000/Tape & Box
P4KExx
DO-41
1000 Units/Box
P4KExxA-T3
DO-41
5000/Tape & Reel
P4KExxA-TB
DO-41
5000/Tape & Box
P4KExxA
DO-41
1000 Units/Box
P4KExxC-T3
DO-41
5000/Tape & Reel
P4KExxC-TB
DO-41
5000/Tape & Box
P4KExxC
DO-41
1000 Units/Box
P4KExxCA-T3
DO-41
5000/Tape & Reel
P4KExxCA-TB
DO-41
5000/Tape & Box
P4KExxCA
DO-41
1000 Units/Box
Products listed in bold are WTE Preferred devices.
!T3 suffix refers to a 13” reel. TB suffix refers to Ammo Pack.
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - P4KE8.2A

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
P4KE8.2A DACHANG-P4KE8.2A Datasheet
272Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
logo
Pan Jit International I...
P4KE8.2A PANJIT-P4KE8.2A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
DONGGUAN YOU FENG WEI E...
P4KE8.2A YFWDIODE-P4KE8.2A Datasheet
97Kb / 3P
   Unidirectional And Bidirectional
logo
Shenzhen Luguang Electr...
P4KE8.2A LUGUANG-P4KE8.2A Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
logo
Won-Top Electronics
P4KE8.2A WTE-P4KE8.2A Datasheet
82Kb / 6P
   400W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4KE8.2A

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
P4KE ZSELEC-P4KE Datasheet
261Kb / 4P
   400W TRANSIENT VOLTAGE SUPPRESSORS
logo
HuaXinAn Electronics CO...
P4SMA6.8CA HUAXINAN-P4SMA6.8CA Datasheet
447Kb / 5P
   400W Transient Voltage Suppressors
P4SMFT3.3CA HUAXINAN-P4SMFT3.3CA Datasheet
424Kb / 5P
   400W Transient Voltage Suppressors
SMAJ5.0CA HUAXINAN-SMAJ5.0CA Datasheet
469Kb / 6P
   400W Transient Voltage Suppressors
P4KE6.8CA HUAXINAN-P4KE6.8CA Datasheet
428Kb / 5P
   400W Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMAJ-AT UNSEMI-SMAJ-AT Datasheet
3Mb / 7P
   400W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ Datasheet
65Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
UN Semiconducctor INC
SMAJ3V3A UNSEMI-SMAJ3V3A Datasheet
2Mb / 4P
   400W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Weitron Technology
SMAJ5.0A WEITRON-SMAJ5.0A Datasheet
98Kb / 4P
   400W Surface Mount Transient Voltage Suppressors
logo
E-CMOS Corporation
SMAXX E-CMOS-SMAXX Datasheet
224Kb / 5P
   400W Surface Mount Transient Voltage Suppressors- 5.0V- 440V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com