Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVG6THTB301 Datasheet(PDF) 1 Page - TOCOSAMERICA, INC.

Part # NVG6THTB301
Description  Dimensions for Through-Hole Single-Turn Trimmers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

NVG6THTB301 Datasheet(HTML) 1 Page - TOCOSAMERICA, INC.

  NVG6THTB301 Datasheet HTML 1Page - TOCOSAMERICA, INC. NVG6THTB301 Datasheet HTML 2Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Trimmer Selection Guide
TOCOS®
POTENTIOMETERS
Open Frame Models
6
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
Specifications for Through-Hole Single-Turn Trimmers
NVZ6 Series
NVG6 Series
Series
Model Examples
Nominal Size and
Construction
Resistive Element
Adjustment Travel
Adjustment Type
Terminal Style
Resistance Range
Resistance Tolerance
Residual Resistance
Noise (C.R.V.)
Power Rating
6.8mm x 8.4mm
Open Frame, Through-Hole
Cermet
Single-Turn: 240
10
Front / Top Cross-Slot Dust Cap or Back / Bottom
Single-Slot Blade Adjustment
Triangular Footprint, Standoff Straight Pins
Radial Lead Paper Taping for Automatic Insertion
100
Ω to 1MΩ (1, 2, 3, 5 Sequence)
30%
Within 2% of Total Resistance Value
1k
Ω: 10Ω max.; 100kΩ: < 5% max.
Within 4% of Total Resistance Value
0.3 W at
70 C
0 W at
100 C
6.8mm x 8.4mm
Open Frame, Through-Hole
Carbon
Single-Turn: 240
10
Front / Top Cross-Slot Dust Cap or Back / Bottom
Single-Slot Blade Adjustment
Triangular Footprint, Standoff Straight Pins
Radial Lead Paper Taping for Automatic Insertion
100
Ω to 1MΩ (1, 2, 3, 5 Sequence)
30%
Within 2% of Total Resistance Value
1k
Ω: 10Ω max.; 100kΩ: < 5% max.
Within 4% of Total Resistance Value
0.1 W at
70 C
0 W at
100 C
Features
Cermet Through-Hole, Single-Turn Trimmers
Adjustable from Both Sides
Front / Top Cross-Slot Dust Cap or Back / Bottom
Single-Slot Blade Adjustment
Straight Standoff Terminals
Radial Lead Paper Tape Packaged in Ammo Box
Stable Performance in Adverse Ambient Conditions
RoHS Compliant: Pb-Free and Cd-Free
Carbon Through-Hole, Single-Turn Trimmers
Adjustable from Both Sides
Front / Top Cross-Slot Dust Cap or Back / Bottom
Single-Slot Blade Adjustment
Straight Standoff Terminals
Radial Lead Paper Tape Packaged in Ammo Box
Stable Performance in Adverse Ambient Conditions
RoHS Compliant: Pb-Free and Cd-Free
100V or
PR = V,
whichever is smaller
25 C to
100 C
250 ppm / C
0.98 – 29.4 mN
•m (10 – 300 gf•cm)
49.0 mN
•m (500 gf•cm)
25 C to
100 C
0.98 – 29.4 mN
•m (10 – 300 gf•cm)
49.0 mN
•m (500 gf•cm)
Maximum
Working Voltage
Temperature Range
Temperature Coefficient
Operating Torque
Stop Strength
100V or
PR = V,
whichever is smaller
Standard Nominal
Resistances and
Ordering Codes
Code
Resistance (
Ω)
Resistance (
Ω)
Resistance (
Ω)
Resistance (
Ω)
Code
Code
Code
100
200
300
500
1,000
2,000
3,000
5,000
10,000
20,000
30,000
50,000
100,000
200,000
300,000
500,000
1,000,000
101
201
301
501
102
202
302
502
103
203
303
503
104
204
304
504
105
Standard Nominal Resistance Values with Ordering Codes


Similar Part No. - NVG6THTB301

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVG600A75L4DSC2 ONSEMI-NVG600A75L4DSC2 Datasheet
553Kb / 12P
   Automotive 750 V, 600 A Dual Side Cooling Half-Bridge Power Module VE-Trac Dual Gen II
July, 2022 - Rev. 1
NVG600A75L4DSE2 ONSEMI-NVG600A75L4DSE2 Datasheet
356Kb / 13P
   Automotive 750 V, 600 A Dual Side Cooling Half-Bridge Power Module VE-Trac Dual
December, 2021-Rev. 2
NVG600A75L4DSE2 ONSEMI-NVG600A75L4DSE2 Datasheet
353Kb / 13P
   Automotive 750 V, 600 A Dual Side Cooling Half-Bridge Power Module VE-Trac Dual
August, 2022 - Rev. 6
NVG600A75L4DSE2 ONSEMI-NVG600A75L4DSE2_V01 Datasheet
353Kb / 13P
   Automotive 750 V, 600 A Dual Side Cooling Half-Bridge Power Module VE-Trac Dual
August, 2022 - Rev. 6
More results

Similar Description - NVG6THTB301

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
VG067 TOCOS-VG067 Datasheet
95Kb / 2P
   Through-Hole Single-Turn Trimmers
GF04 TOCOS-GF04 Datasheet
198Kb / 4P
   4mm Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
RA12 TOCOS-RA12 Datasheet
163Kb / 3P
   12mm Round, Single-Turn, Through-Hole Sealed Wirewound Trimmers
G43C TOCOS-G43C Datasheet
278Kb / 3P
   4mm Square, Single-Turn, Through-Hole, Sealed Cermet Trimmers
GF12 TOCOS-GF12 Datasheet
538Kb / 11P
   12mm Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
RJC06 TOCOS-RJC06 Datasheet
226Kb / 5P
   1/4??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
G12 TOCOS-G12 Datasheet
169Kb / 4P
   1/2??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
logo
List of Unclassifed Man...
GF063-K ETC1-GF063-K Datasheet
833Kb / 9P
   1/4 SQUARE, SINGLE-TURN, THROUGH-HOLE SEALED CERMET TRIMMERS
CT6EP102 ETC2-CT6EP102 Datasheet
216Kb / 9P
   SINGLE TURN CERMET TRIMMERS
logo
Copal Electronics
FT63EP100 COPAL-FT63EP100 Datasheet
161Kb / 7P
   SINGLE TURN CERMET TRIMMERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com