Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GV6UTB105K Datasheet(PDF) 5 Page - TOCOSAMERICA, INC.

Part # GV6UTB105K
Description  1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

GV6UTB105K Datasheet(HTML) 5 Page - TOCOSAMERICA, INC.

  GV6UTB105K Datasheet HTML 1Page - TOCOSAMERICA, INC. GV6UTB105K Datasheet HTML 2Page - TOCOSAMERICA, INC. GV6UTB105K Datasheet HTML 3Page - TOCOSAMERICA, INC. GV6UTB105K Datasheet HTML 4Page - TOCOSAMERICA, INC. GV6UTB105K Datasheet HTML 5Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
118
Part Numbers
GV6 Series
Soldering and Cleaning Guidelines
For soldering, cleaning and other information, refer to Guidelines and Precautions for Using Potentiometers.
Packaging
Standard:
Tape & Reel Packaging
Bulk Packaging
UT & VT
All GV6 Models
1,000 pieces per 14.3” reel.
50 pieces per vinyl bag.
500 pieces per box.
Tape & Ammo Packaging
UT2 & VT2
1,000 pieces per ammo box.
GV6S B 100 K
GV6S B 200 K
GV6S B 500 K
GV6S B 101 K
GV6S B 201 K
GV6S B 501 K
GV6S B 102 K
GV6S B 202 K
GV6S B 502 K
GV6S B 103 K
GV6S B 203 K
GV6S B 503 K
GV6S B 104 K
GV6S B 204 K
GV6S B 504 K
GV6S B 105 K
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
GV6S Through-Hole, S Terminal Style, Single-Slot, Side Adjust
GV6V B 100 K
GV6V B 200 K
GV6V B 500 K
GV6V B 101 K
GV6V B 201 K
GV6V B 501 K
GV6V B 102 K
GV6V B 202 K
GV6V B 502 K
GV6V B 103 K
GV6V B 203 K
GV6V B 503 K
GV6V B 104 K
GV6V B 204 K
GV6V B 504 K
GV6V B 105 K
GV6VT B 100 K
GV6VT B 200 K
GV6VT B 500 K
GV6VT B 101 K
GV6VT B 201 K
GV6VT B 501 K
GV6VT B 102 K
GV6VT B 202 K
GV6VT B 502 K
GV6VT B 103 K
GV6VT B 203 K
GV6VT B 503 K
GV6VT B 104 K
GV6VT B 204 K
GV6VT B 504 K
GV6VT B 105 K
GV6VT2 B 100 K
GV6VT2 B 200 K
GV6VT2 B 500 K
GV6VT2 B 101 K
GV6VT2 B 201 K
GV6VT2 B 501 K
GV6VT2 B 102 K
GV6VT2 B 202 K
GV6VT2 B 502 K
GV6VT2 B 103 K
GV6VT2 B 203 K
GV6VT2 B 503 K
GV6VT2 B 104 K
GV6VT2 B 204 K
GV6VT2 B 504 K
GV6VT2 B 105 K
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
GV6V Through-Hole, V Terminal Style, Single-Slot, Side Adjust
* Substitute code letter M in place of K at end of catalog part number for
20% resistance tolerance.
Potentiometer
Styles
Nominal Resistance
Resistance Tolerance: K =
10% (see footnote for M =
20% )
Value (
Ω)
Code
*Catalog No.*
Tape & Reel
*Catalog No.*
Bulk
*Catalog No.*
Tape & Ammo Box
GV6S
GV6V


Similar Part No. - GV6UTB105K

ManufacturerPart #DatasheetDescription
logo
GREEGOO Electric Co.,Lt...
GV6028DH GREEGOO-GV6028DH Datasheet
657Kb / 3P
   GV series voltage adjustable integrated solid state module
GV6048DH GREEGOO-GV6048DH Datasheet
657Kb / 3P
   GV series voltage adjustable integrated solid state module
logo
EUROQUARTZ limited
GV62 EUROQUARTZ-GV62 Datasheet
224Kb / 1P
   11.4 x 9.6 x 2.5mm 6 pad SMD
GV64 EUROQUARTZ-GV64 Datasheet
350Kb / 1P
   11.4 x 9.6 x 4.7mm 6 pad SMD
More results

Similar Description - GV6UTB105K

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RJC26 TOCOS-RJC26 Datasheet
161Kb / 3P
   1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
logo
List of Unclassifed Man...
GF063-K ETC1-GF063-K Datasheet
833Kb / 9P
   1/4 SQUARE, SINGLE-TURN, THROUGH-HOLE SEALED CERMET TRIMMERS
logo
TOCOSAMERICA, INC.
J9WB103K TOCOS-J9WB103K Datasheet
134Kb / 2P
   3/8??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
GF063-K TOCOS-GF063-K Datasheet
520Kb / 9P
   1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
GF063 TOCOS-GF063 Datasheet
793Kb / 12P
   1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
logo
Vishay Siliconix
T73 VISHAY-T73 Datasheet
143Kb / 4P
   1/4" Square Single-Turn Cermet Sealed Trimmers
Revision: 24-Jan-07
logo
TOCOSAMERICA, INC.
GF12 TOCOS-GF12 Datasheet
538Kb / 11P
   12mm Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
G43C TOCOS-G43C Datasheet
278Kb / 3P
   4mm Square, Single-Turn, Through-Hole, Sealed Cermet Trimmers
logo
Vishay Siliconix
TS63 VISHAY-TS63_17 Datasheet
121Kb / 5P
   Multi-Turn Surface Mount 1/4 Square Cermet Trimmers Fully Sealed
Revision: 22-Sep-15
TS6 VISHAY-TS6_V01 Datasheet
97Kb / 5P
   Multi-Turn Surface Mount 1/4 Square Cermet Trimmers, Fully Sealed
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com