Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GV4GTB102K Datasheet(PDF) 6 Page - TOCOSAMERICA, INC.

Part # GV4GTB102K
Description  4mm Surface Mount, Multi-Turn, Sealed Cermet Trimmers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

GV4GTB102K Datasheet(HTML) 6 Page - TOCOSAMERICA, INC.

  GV4GTB102K Datasheet HTML 1Page - TOCOSAMERICA, INC. GV4GTB102K Datasheet HTML 2Page - TOCOSAMERICA, INC. GV4GTB102K Datasheet HTML 3Page - TOCOSAMERICA, INC. GV4GTB102K Datasheet HTML 4Page - TOCOSAMERICA, INC. GV4GTB102K Datasheet HTML 5Page - TOCOSAMERICA, INC. GV4GTB102K Datasheet HTML 6Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
28
Part Numbers
Potentiometer
Styles
Nominal Resistance
Single-Slot
Maximum Input Ratings
Value (
Ω)
Code
Catalog No.
Tape & Reel
Maximum Wiper
Current (mA)
Catalog No.
Bulk
Maximum
Input Voltage ( V )
GV4GT B 100 K
GV4GT B 200 K
GV4GT B 500 K
GV4GT B 101 K
GV4GT B 201 K
GV4GT B 501 K
GV4GT B 102 K
GV4GT B 202 K
GV4GT B 502 K
GV4GT B 103 K
GV4GT B 203 K
GV4GT B 503 K
GV4GT B 104 K
GV4GT B 204 K
GV4GT B 504 K
GV4GT B 105 K
GV4GT B 205 K
GV4G B 100 K
GV4G B 200 K
GV4G B 500 K
GV4G B 101 K
GV4G B 201 K
GV4G B 501 K
GV4G B 102 K
GV4G B 202 K
GV4G B 502 K
GV4G B 103 K
GV4G B 203 K
GV4G B 503 K
GV4G B 104 K
GV4G B 204 K
GV4G B 504 K
GV4G B 105 K
GV4G B 205 K
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
2,000,000
100
200
500
101
201
102
202
502
502
103
203
503
104
204
504
105
205
100.0
100.0
70.7
50.0
35.4
22.4
15.8
11.2
7.07
5.00
3.54
2.24
1.58
1.00
0.40
0.20
0.10
1.00
2.00
3.53
5.00
7.07
11.18
15.80
22.36
35.35
50.00
70.70
111.8
158.11
223.60
300.00
300.00
300.00
GV4G Gull-Wing, Single-Slot, Side Adjust
GV4 Series
Packaging
Standard:
Tape & Reel Packaging
Bulk Packaging
GV4WT
All GV4 Models
250 pieces per 7” reel.
100 pieces per vinyl bag.
1,000 pieces per box.
GV4JT, GV4GT
500 pieces per 7” reel.
For additional information, refer to Guidelines and Precautions for Using Potentiometers.
GV4G


Similar Part No. - GV4GTB102K

ManufacturerPart #DatasheetDescription
logo
GREEGOO Electric Co.,Lt...
GV4024DH GREEGOO-GV4024DH Datasheet
657Kb / 3P
   GV series voltage adjustable integrated solid state module
GV4028DH GREEGOO-GV4028DH Datasheet
657Kb / 3P
   GV series voltage adjustable integrated solid state module
GV4044DH GREEGOO-GV4044DH Datasheet
657Kb / 3P
   GV series voltage adjustable integrated solid state module
GV4048DH GREEGOO-GV4048DH Datasheet
657Kb / 3P
   GV series voltage adjustable integrated solid state module
logo
Unisonic Technologies
GV4145A UTC-GV4145A Datasheet
283Kb / 8P
   LOW POWER GROUND FAULT INTERRUPTER
More results

Similar Description - GV4GTB102K

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
G43 TOCOS-G43 Datasheet
274Kb / 8P
   4mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
logo
Vishay Siliconix
TSM4 VISHAY-TSM4 Datasheet
94Kb / 3P
   Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
Revision: 20-Oct-04
TSM4 VISHAY-TSM4_07 Datasheet
125Kb / 4P
   Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
Revision: 02-Oct-07
TSM43 VISHAY-TSM43 Datasheet
196Kb / 3P
   Surface Mount Cermet Trimmers Multi-turn Cermet Sealed, Industrial Grade
Revision: 19-Jan-04
TS53Y VISHAY-TS53Y_07 Datasheet
117Kb / 4P
   Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Revision: 27-Jun-07
logo
TOCOSAMERICA, INC.
G32 TOCOS-G32 Datasheet
394Kb / 5P
   3mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
GF04 TOCOS-GF04 Datasheet
198Kb / 4P
   4mm Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
logo
Vishay Siliconix
TS53Y VISHAY-TS53Y Datasheet
128Kb / 3P
   Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Revision: 19-Jan-04
TS53YJ101MR10 VISHAY-TS53YJ101MR10 Datasheet
110Kb / 5P
   Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Revision: 22-Dec-08
TS63 VISHAY-TS63_17 Datasheet
121Kb / 5P
   Multi-Turn Surface Mount 1/4 Square Cermet Trimmers Fully Sealed
Revision: 22-Sep-15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com