Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1321026-10 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # 1321026-10
Description  DVI(185)P/M - DVI(185)P/M
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

1321026-10 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  1321026-10 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
APPROVED
DATE
DESCRIPTION
REV.
REVISION
Qualtek Electronics Corp.
WCI DIVISION
Part Number:
Description:
Tolerance
+/-
(mm)
Dim
range
(mm)
0-1
1-6
6-18
18-50
50-120
120-250
250-500
0.15
0.20
0.30
0.50
0.70
0.90
1.20
Drawn / Date
Checked / Date
Approved / Date
B. Grubb
01-25-07
01-25-07
JJH / 01-25-07
1321026-10
DVI(18+5)P/M - DVI(18+5)P/M
No.
1
2
3
4
5
6
7
8
9
10
11
PARTS NAME
DVI (18+5)P/M - CONTACT
DVI (18+5)P/M - INSULATOR
DVI (18+5)P/M - SHELL
COPPER FOIL
CAN
OUTER COVER
THUMB SCREW
SCREW - MOLD
CABLE DVI 18+5 UL20276
MINI TIE
POLYBAG
SPECIFICATION STANDARD
BRONZE/GOLD PLATED SOLDER TYPE
THERMOPLASTIC/BLACK UL94V-0
STEEL NICKEL PLATED
WIDTH: 8mm
STEEL TIN PLATED ID: 9.0mm
45P PVC/COLOR: BEIGE ID: 9.0mm
#4-40 2.8x45, NICKEL PLATED
35P PVC/COLOR: BEIGE
KL03008ABK01A
PE/BLACK
PE/0.08x220x260mm
QTY
46
2
2
2
2
2
4
4
1
2
1
REMARKS
MAIN SUPER
or EQUIV
NOTES:
1. CABLE:
(28AWGx1P+DW+FOIL)x4P+(28AWG+SP+FOIL)x3C+28AWGx5C+28AWGx1P+MYLAR+FOIL+BD
OUTER JACKET COLOR: BEIGE, OD: 8.5 ± 0.3mm
PRINTING: “E166307
AWM 20276 28AWG 80°C 30V VW-1
LOW VOLTAGE COMPUTER CABLE”
2. CONNECTORS: DVI (18+5)P/M - DVI (18+5)P/M
3. HOOD: ASS’Y TYPE
4. CABLE ELECTRICAL TEST:
<1>.100% OPEN SHORT & MISS WIRE TEST
<2>.INSULATION RESISTANCE: DC400V 10M ohm MIN.
<3>.CONDUCTOR RESISTANCE: 3 ohm MAX.
5. PACKING: 1PC/POLYBAG
P1
FRONT
P2
PIN OUT
FRONT
DVI (18+5)P/M ASS’Y TYPE
3050 ± 80
11
140 ± 20
TAPE
1
2
3
6
7
8
9
10
11
P1
P2
P1
P2
P1
P2
6
10
DVI (18+5)P/M ASS’Y TYPE
C5
C4
C3
24
C2
C1
16
8
2
1
17
9
1
3
4 5 6 7 8
9
8
4 5 6 7
3
9
1
8
2
1
16
C1
C2
C5
17
24
C3
C4
3.8 ± 0.3
3.8 ± 0.3
1
2
3
6
7
8
9
10
11
14
15
16
17
18
19
23
24
22
14
15
16
17
18
19
23
24
22
WHITE
ORANGE
DRAIN
WHITE
YELLOW
BLUE
WHITE
BLACK
DRAIN
RED
BLACK
BROWN
WHITE
YELLOW
DRAIN
WHITE
RED
DRAIN
C1
C5
C2
C5
C3
C5
C4
C1
C5
C2
C5
C3
C5
C4
RED
GREEN
BLUE
YELLOW
BRAID
SHELL
SHELL


Similar Part No. - 1321026-10

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
1321020-06 QUALTEK-1321020-06 Datasheet
540Kb / 1P
   DVI(245)P/M - DVI(245)P/M
1321021-10 QUALTEK-1321021-10 Datasheet
512Kb / 1P
   DVI (125)P/M - HD15P/M
1321023-10 QUALTEK-1321023-10 Datasheet
512Kb / 1P
   DVI (181)P/M - DVI (181)P/M
1321024-10 QUALTEK-1321024-10 Datasheet
510Kb / 1P
   DVI (181)P/M - DVI (181)P/M
1321025-10 QUALTEK-1321025-10 Datasheet
540Kb / 1P
   DVI(185)P/M - DVI(185)P/M
More results

Similar Description - 1321026-10

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
1321005-03 QUALTEK-1321005-03 Datasheet
497Kb / 1P
   DVI(185)P/M - DVI(185)P/M
1321006-03 QUALTEK-1321006-03 Datasheet
490Kb / 1P
   DVI(185)P/M - DVI(185)P/M
1321015-06 QUALTEK-1321015-06 Datasheet
493Kb / 1P
   DVI (185)P/M - DVI (185)P/M
1321016-06 QUALTEK-1321016-06 Datasheet
490Kb / 1P
   DVI (185)P/M - DVI (185)P/M
1321036-16 QUALTEK-1321036-16 Datasheet
495Kb / 1P
   DVI(185)P/M - DVI(185)P/M
1321025-10 QUALTEK-1321025-10 Datasheet
540Kb / 1P
   DVI(185)P/M - DVI(185)P/M
1321035-16 QUALTEK-1321035-16 Datasheet
502Kb / 1P
   DVI(185)P/M - DVI(185)P/M
1321024-10 QUALTEK-1321024-10 Datasheet
510Kb / 1P
   DVI (181)P/M - DVI (181)P/M
1321034-16 QUALTEK-1321034-16 Datasheet
477Kb / 1P
   DVI (181)P/M - DVI (181)P/M
1321004-03 QUALTEK-1321004-03 Datasheet
473Kb / 1P
   DVI (181)P/M - DVI (181)P/M
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com