Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSV Datasheet(PDF) 2 Page - Suntan Capacitors

Part # TSV
Description  ZINC OXIDE VARISTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TSV Datasheet(HTML) 2 Page - Suntan Capacitors

  TSV Datasheet HTML 1Page - Suntan Capacitors TSV Datasheet HTML 2Page - Suntan Capacitors TSV Datasheet HTML 3Page - Suntan Capacitors TSV Datasheet HTML 4Page - Suntan Capacitors TSV Datasheet HTML 5Page - Suntan Capacitors TSV Datasheet HTML 6Page - Suntan Capacitors TSV Datasheet HTML 7Page - Suntan Capacitors TSV Datasheet HTML 8Page - Suntan Capacitors TSV Datasheet HTML 9Page - Suntan Capacitors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ZINC OXIDE VARISTOR
Suntan®
TSV
ZINC OXIDE VARISTOR 5D
SPECIFICATION
Maximum
allowable
Voltage
Maximum Energy
Withstanding
Surge Current
Rated
Wattage
Varistor
Voltage
Maxiumum
Clamping
Voltage
Typical
Capacitance
(reference)
1 time
2 times
Part No
ACrms
(V)
DC
(V)
(10/1000us)
(J)
(2ms)
(J)
(A)
(W)
V1mA (V)
V5A (V)
@1KHz
(pF)
TSV05D751K
460
651
22.4
16.0
750(675-825)
1240
30
TSV05D681K
420
560
21.0
15.0
680(621-748)
1120
35
TSV05D621K
385
505
21.0
15.0
620(558-682)
1025
40
TSV05D561K
350
460
19.6
14.0
560(504-616)
920
45
TSV05D511K
320
415
19.6
14.0
510(459-561)
845
50
TSV05D471K
300
385
18.2
13.0
470(423-517)
810
55
TSV05D431K
275
350
16.8
12.0
430(387-473)
745
60
TSV05D391K
250
320
15.4
11.0
390(351-429)
675
65
TSV05D361K
230
300
14.0
10.0
360(324-396)
620
70
TSV05D331K
210
275
14.0
10.0
330(297-363)
600
75
TSV05D301K
190
250
11.8
8.4
300(270-330)
505
85
TSV05D271K
175
225
10.2
7.3
270(243-297)
475
95
TSV05D241K
150
200
9.9
7.1
240(216-264)
415
100
TSV05D221K
140
180
8.8
6.3
220(198-242)
380
110
TSV05D201K
130
170
7.7
5.5
200(185-225)
355
125
TSV05D181K
115
150
5.6
4.0
180(162-198)
325
140
TSV05D151K
95
125
4.2
3.0
150(135-165)
265
165
TSV05D121K
75
100
4.2
3.0
120(108-132)
210
210
TSV05D101K
60
85
2.8
2.0
100(90-110)
175
250
TSV05D820K
50
65
2.8
2.0
400
200
0.1
82(74-90)
145
300
TSV05D680K
40
56
1.8
1.3
68(61-75)
#150
370
TSV05D560K
35
45
1.5
1.1
56(50-62)
#123
450
TSV05D470K
30
38
1.4
1.0
47(42-52)
#104
530
TSV05D390K
25
31
1.1
0.8
39(35-43)
#86
640
TSV05D330K
20
26
0.8
0.6
33(30-36)
#73
760
TSV05D270K
17
22
0.7
0.5
27(24-30)
#60
930
TSV05D220K
14
18
0.6
0.4
22(18.7-26)
#48
1150
TSV05D180L
11
14
0.4
0.3
100
50
0.01
18(14.4-21.6)
#40
1400
#680K—180L Max. Clamping Voltage testing current 1A.
T S V ---
D
K
LEAD STYLE
PACKING
TOLERANCE
VARISTOR VOLTAGE
DISC TYPE
ELEMENT DIA. CODE
PRODUCTION TYPE
DIMENSIONS
DIMENSIONS(mm)
Model
No.
T
MAX.
D
MAX.
H
MAX.
d.
E±0.8
L
MIN.
180LD05
|
680KD05
4.5
7.5
10.5
0.6
5
20
820KD05
|
471KD05
4.1
|
6.0
7.5
10.5
0.6
5
20
511KD05
|
751KD05
6.2
|
7.3
7.5
10.5
0.6
5
20
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TSV

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TSV TRACOPOWER-TSV Datasheet
196Kb / 3P
   DC/DC Converters TSV Series, 1 Watt
Rev. August 3, 2022
logo
List of Unclassifed Man...
TSV-300S024ST ETC2-TSV-300S024ST Datasheet
594Kb / 2P
   LED Drivers
TSV-300S028ST ETC2-TSV-300S028ST Datasheet
594Kb / 2P
   LED Drivers
TSV-300S036ST ETC2-TSV-300S036ST Datasheet
594Kb / 2P
   LED Drivers
TSV-300S048ST ETC2-TSV-300S048ST Datasheet
594Kb / 2P
   LED Drivers
More results

Similar Description - TSV

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TSV SUNTAN-TSV_17 Datasheet
316Kb / 9P
   ZINC OXIDE VARISTOR
logo
RFE international
14N470K RFE-14N470K Datasheet
4Mb / 6P
   Zinc Oxide Varistor
logo
List of Unclassifed Man...
TVR14431 ETC1-TVR14431 Datasheet
2Mb / 43P
   ZINC OXIDE VARISTOR 50 SERIES
logo
Ceramate Technical
SMV0402E CERAMATE-SMV0402E Datasheet
252Kb / 9P
   Zinc Oxide
SMV0402M CERAMATE-SMV0402M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1210A CERAMATE-SMV1210A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0402A CERAMATE-SMV0402A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0603E CERAMATE-SMV0603E Datasheet
251Kb / 9P
   Zinc Oxide
SMV0805M CERAMATE-SMV0805M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1206A CERAMATE-SMV1206A Datasheet
250Kb / 9P
   Zinc Oxide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com