Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS18 Datasheet(PDF) 4 Page - Suntan Capacitors

Part # TS18
Description  MULTILAYER CERAMIC CHIP CAPACITOR - SMD
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS18 Datasheet(HTML) 4 Page - Suntan Capacitors

  TS18 Datasheet HTML 1Page - Suntan Capacitors TS18 Datasheet HTML 2Page - Suntan Capacitors TS18 Datasheet HTML 3Page - Suntan Capacitors TS18 Datasheet HTML 4Page - Suntan Capacitors TS18 Datasheet HTML 5Page - Suntan Capacitors TS18 Datasheet HTML 6Page - Suntan Capacitors TS18 Datasheet HTML 7Page - Suntan Capacitors TS18 Datasheet HTML 8Page - Suntan Capacitors TS18 Datasheet HTML 9Page - Suntan Capacitors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MULTILAYER CERAMIC CHIP CAPACITOR - SMD
Suntan®
TS18
8. Adhesion
Dielectrics
Specification
Testing Condition
NPO
X7R/X5R
Y5V
No removal of the terminations or
other defect shall occur.
The pressurizing force shall be 10N
(=1000g*f) and the duration of application
shall be 10±1sec.
hi p
cr oss- sect i on
boar d
hooked ji g
r=0. 5
9. Solderability of Termination
Dielectrics
Specification
Testing Condition
NPO
X7R/X5R
Y5V
95% min. coverage of both terminal
electrodes and less than 5% have pin
holes or rough spots.
Solder temperature: 230±5℃
Dipping time: 2±1 seconds.
Completely soak both terminal electrodes in
solder
10. Resistance to leaching
Dielectrics
Specification
Testing Condition
NPO
X7R/X5R
Y5V
95% min. coverage of both terminal
electrodes and less than 5% have pin
holes or rough spots.
No remarkable visual damage.
Solder temperature: 270±5℃
Dipping time: 10±1 seconds.
Completely soak both terminal electrodes in
solder
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TS18

ManufacturerPart #DatasheetDescription
logo
CUI INC
TS18 CUI-TS18 Datasheet
351Kb / 4P
   TACTILE SWITCH
05/10/2022
TS18-5-15-SL-160-SMT-TR CUI-TS18-5-15-SL-160-SMT-TR Datasheet
351Kb / 4P
   TACTILE SWITCH
05/10/2022
TS18-5-15-SL-260-SMT-TR CUI-TS18-5-15-SL-260-SMT-TR Datasheet
351Kb / 4P
   TACTILE SWITCH
05/10/2022
TS18-5-17-SL-160-SMT-TR CUI-TS18-5-17-SL-160-SMT-TR Datasheet
351Kb / 4P
   TACTILE SWITCH
05/10/2022
TS18-5-17-SL-260-SMT-TR CUI-TS18-5-17-SL-260-SMT-TR Datasheet
351Kb / 4P
   TACTILE SWITCH
05/10/2022
More results

Similar Description - TS18

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS18 SUNTAN-TS18_17 Datasheet
788Kb / 17P
   MULTILAYER CERAMIC CHIP CAPACITOR - SMD
logo
AVX Corporation
05045C272KAT1A AVX-05045C272KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C821KAT1A AVX-05045C821KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C103JA19A AVX-05045C103JA19A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05041A101KA79A AVX-05041A101KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Stackpole Electronics, ...
CML_C0G SEI-CML_C0G Datasheet
671Kb / 23P
   Multilayer Ceramic Chip Capacitor
5/27/2021
logo
AVX Corporation
05041A121KA79A AVX-05041A121KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
08055A101JAT2A AVX-08055A101JAT2A Datasheet
399Kb / 46P
   Multilayer Ceramic Chip Capacitor
05041A820KA79A AVX-05041A820KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Suntan Capacitors
TS18H SUNTAN-TS18H Datasheet
438Kb / 8P
   HIGH VOLTAGE CERAMIC CHIP CAPACITOR-SMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com