Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G43SAB102M Datasheet(PDF) 3 Page - TOCOSAMERICA, INC.

Part # G43SAB102M
Description  4mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

G43SAB102M Datasheet(HTML) 3 Page - TOCOSAMERICA, INC.

  G43SAB102M Datasheet HTML 1Page - TOCOSAMERICA, INC. G43SAB102M Datasheet HTML 2Page - TOCOSAMERICA, INC. G43SAB102M Datasheet HTML 3Page - TOCOSAMERICA, INC. G43SAB102M Datasheet HTML 4Page - TOCOSAMERICA, INC. G43SAB102M Datasheet HTML 5Page - TOCOSAMERICA, INC. G43SAB102M Datasheet HTML 6Page - TOCOSAMERICA, INC. G43SAB102M Datasheet HTML 7Page - TOCOSAMERICA, INC. G43SAB102M Datasheet HTML 8Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
3/8
G43BF Gull-Wing, Bottom Adjust
G43B Gull-Wing, Top Adjust
G43E Reverse Markings, Gull-Wing, Top Adjust
Unit: mm
Dimensions
G43 Series
6.5
0.3
2.5
0.3,
0
TOCOS
503
53
4.5
0.3
4.3
0.3
5.0 0.3
2.3 0.3
#1
#3
#2
0.6 0.15
(t= 0.18)
1.2
0.15
(1.0)
(1.0)
(2) 0.8
0.15
6.5
0.3
2.5
0.3,
0
4.5
0.3
4.3
0.3
5.0 0.3
2.3 0.3
#1
#3
#2
0.6 0.15
(t= 0.18)
1.2
0.15
(1.0)
(1.0)
(2) 0.8
0.15
6.7
0.5
2.5
0.3,
0
TOCOS
503
53
4.5
0.3
5.0 0.3
3.1 0.3
#1
#3
#2
(2)
0.5 0.2
(t= 0.18)
1.2
0.15
(1.1)
(1.1)
(2) 0.8
0.15
(0.6)
2-(0.5)
All G43 Models
Unit: mm
Cross-Slot Dimensions
Electrical Schematic
#2
wiper
#3 cw
clockwise
ccw
#1
0.55
0.55
0.72
0.55
Ø
1.9
Ø
2.3
Effective Date April 2005
Cross-Slot accepts both
Philips and single blade
adjustment tools.


Similar Part No. - G43SAB102M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
G43 TAYCHIPST-G43 Datasheet
1Mb / 3P
   Silicon Z?밆iodes
logo
Mercury United Electron...
G43 MERCURY-G43 Datasheet
69Kb / 1P
   Voltage Controlled Crystal Oscillators
logo
GTM CORPORATION
G431 GTM-G431 Datasheet
282Kb / 3P
   Adjustable Shunt Regulator
logo
E-Tech Electronics LTD
G431 ETL-G431 Datasheet
292Kb / 3P
   A d j u s t a b l e S h u n t R e g u l a t o r
logo
Microsemi Corporation
G43100B1EB1S MICROSEMI-G43100B1EB1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
More results

Similar Description - G43SAB102M

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
GV4 TOCOS-GV4 Datasheet
293Kb / 6P
   4mm Surface Mount, Multi-Turn, Sealed Cermet Trimmers
logo
Vishay Siliconix
TS53Y VISHAY-TS53Y_07 Datasheet
117Kb / 4P
   Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Revision: 27-Jun-07
logo
TOCOSAMERICA, INC.
G32 TOCOS-G32 Datasheet
394Kb / 5P
   3mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
logo
Vishay Siliconix
TS53Y VISHAY-TS53Y Datasheet
128Kb / 3P
   Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Revision: 19-Jan-04
TS53YJ101MR10 VISHAY-TS53YJ101MR10 Datasheet
110Kb / 5P
   Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Revision: 22-Dec-08
logo
TOCOSAMERICA, INC.
GF04 TOCOS-GF04 Datasheet
198Kb / 4P
   4mm Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
G43C TOCOS-G43C Datasheet
278Kb / 3P
   4mm Square, Single-Turn, Through-Hole, Sealed Cermet Trimmers
logo
Copal Electronics
ST-4 COPAL-ST-4 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Vishay Siliconix
TS3Y VISHAY-TS3Y Datasheet
116Kb / 2P
   Surface Mount Miniature Trimmers 3mm Single-Turn Cermet Sealed
Revision: 19-Jan-04
TS5Y VISHAY-TS5Y_07 Datasheet
108Kb / 4P
   Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
Revision: 27-Jun-07
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com