Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G32AB105M Datasheet(PDF) 4 Page - TOCOSAMERICA, INC.

Part # G32AB105M
Description  3mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

G32AB105M Datasheet(HTML) 4 Page - TOCOSAMERICA, INC.

  G32AB105M Datasheet HTML 1Page - TOCOSAMERICA, INC. G32AB105M Datasheet HTML 2Page - TOCOSAMERICA, INC. G32AB105M Datasheet HTML 3Page - TOCOSAMERICA, INC. G32AB105M Datasheet HTML 4Page - TOCOSAMERICA, INC. G32AB105M Datasheet HTML 5Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
4/5
Tape & Reel Specifications
Embossed Tape Dimensions
Conforms to EIA-481, JIS-C-0806 and EIAJ-RC-1009B
G32AT, G32BT
Unit: mm
G32 Series
Reel Dimensions
Conforms to EIA-481, JIS-C-0806 and EIAJ-RC-1009B
G32AT, G32BT
4.9 0.1
3.65
0.1
5.2
0.1
2.6
0.1
0.3 0.05
12.0 0.2
5.5
0.05
Ø
1.5
0.1,
0
1.75 0.1
1.3
0.1
Ø
1.6 0.1
3.6
0.1
3.9
0.1
8.0 0.1
4.0 0.1
2.0 0.05
Direction of Feed
Ø
178.0 2.0
Ø
13.0 0.5
Ø
21.0 0.8
2.0 0.5
13.0 0.3
15.4 1.0
Ø
60.0 1.0, 0
500 Pieces Per 7” Reel
Effective Date Feb. 2005


Similar Part No. - G32AB105M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G32A-A10-VD OMRON-G32A-A10-VD Datasheet
2Mb / 16P
   Solid State Relays
G32A-A10L-VD OMRON-G32A-A10L-VD Datasheet
2Mb / 16P
   Solid State Relays
G32A-A20-VD OMRON-G32A-A20-VD Datasheet
2Mb / 16P
   Solid State Relays
G32A-A20L-VD OMRON-G32A-A20L-VD Datasheet
2Mb / 16P
   Solid State Relays
G32A-A40-VD OMRON-G32A-A40-VD Datasheet
2Mb / 16P
   Solid State Relays
More results

Similar Description - G32AB105M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TS3Y VISHAY-TS3Y Datasheet
116Kb / 2P
   Surface Mount Miniature Trimmers 3mm Single-Turn Cermet Sealed
Revision: 19-Jan-04
logo
TOCOSAMERICA, INC.
G43 TOCOS-G43 Datasheet
274Kb / 8P
   4mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
logo
Vishay Siliconix
TS53Y VISHAY-TS53Y_07 Datasheet
117Kb / 4P
   Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Revision: 27-Jun-07
TS53Y VISHAY-TS53Y Datasheet
128Kb / 3P
   Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Revision: 19-Jan-04
TS53YJ101MR10 VISHAY-TS53YJ101MR10 Datasheet
110Kb / 5P
   Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Revision: 22-Dec-08
logo
Copal Electronics
ST-4 COPAL-ST-4 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Vishay Siliconix
TS5Y VISHAY-TS5Y_07 Datasheet
108Kb / 4P
   Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
Revision: 27-Jun-07
TS5Y VISHAY-TS5Y Datasheet
180Kb / 3P
   Surface Mount Miniature Trimmers Single Turn Cermet Fully Sealed
Revision 04-Mar-02
logo
List of Unclassifed Man...
ST32ETG200 ETC2-ST32ETG200 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Vishay Siliconix
ST-4 VISHAY-ST-4 Datasheet
181Kb / 8P
    Surface Mount Cermet Trimmers (single turn)
Revision: 06-Mar-06
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com