Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G43CFB100M Datasheet(PDF) 3 Page - TOCOSAMERICA, INC.

Part # G43CFB100M
Description  4mm Square, Single-Turn, Through-Hole, Sealed Cermet Trimmers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

G43CFB100M Datasheet(HTML) 3 Page - TOCOSAMERICA, INC.

  G43CFB100M Datasheet HTML 1Page - TOCOSAMERICA, INC. G43CFB100M Datasheet HTML 2Page - TOCOSAMERICA, INC. G43CFB100M Datasheet HTML 3Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3/3
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
Part Numbering System
G43
C
102
M
B
Resistance Tolerance: M =
20% standard.
Resistance Code: Expressed in ohms. A three digit code where the first two digits
are significant figures, and the third digit indicates the number of zeros that follow
these figures (i.e., 100 = 10Ω; 101 = 100Ω; 102 = 1,000Ω; 105 = 1,000,000Ω ).
Resistance Taper: B = Linear.
Terminal Style: Through-Hole where C = Top Adjust; CF = Bottom Adjust.
TOCOS Series Name.
G43C Series
Soldering and Cleaning Guidelines
The G43C trimmers are designed to withstand the same flow or reflow soldering methods as the SMD G43 series. Refer to the SMD
G43 series for soldering profiles. For cleaning and other information, refer to Guidelines and Precautions for Using Potentiometers.
Packaging
Standard:
Bulk Packaging
Quantity
100 pieces per vinyl bag. 1,000 pieces per box.
Effective Date Feb. 2005
Part Numbers
Potentiometer
Styles
Nominal Resistance
Resistance Tolerance
20%
Value ( Ω )
Code
Catalog No. Bulk
G43C Through-Hole, C Terminal Style, Cross-Slot, Top Adjust
G43C B 100 M
G43C B 200 M
G43C B 500 M
G43C B 101 M
G43C B 201 M
G43C B 501 M
G43C B 102 M
G43C B 202 M
G43C B 502 M
G43C B 103 M
G43C B 203 M
G43C B 503 M
G43C B 104 M
G43C B 204 M
G43C B 504 M
G43C B 105 M
G43C B 205 M
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
2,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
205
G43CF Through-Hole, CF Terminal Style, Cross-Slot, Bottom Adjust
G43CF B 100 M
G43CF B 200 M
G43CF B 500 M
G43CF B 101 M
G43CF B 201 M
G43CF B 501 M
G43CF B 102 M
G43CF B 202 M
G43CF B 502 M
G43CF B 103 M
G43CF B 203 M
G43CF B 503 M
G43CF B 104 M
G43CF B 204 M
G43CF B 504 M
G43CF B 105 M
G43CF B 205 M
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
2,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
205
G43CF
G43C


Similar Part No. - G43CFB100M

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
G43 TOCOS-G43 Datasheet
274Kb / 8P
   4mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
logo
Shenzhen Taychipst Elec...
G43 TAYCHIPST-G43 Datasheet
1Mb / 3P
   Silicon Z?밆iodes
logo
Mercury United Electron...
G43 MERCURY-G43 Datasheet
69Kb / 1P
   Voltage Controlled Crystal Oscillators
logo
GTM CORPORATION
G431 GTM-G431 Datasheet
282Kb / 3P
   Adjustable Shunt Regulator
logo
E-Tech Electronics LTD
G431 ETL-G431 Datasheet
292Kb / 3P
   A d j u s t a b l e S h u n t R e g u l a t o r
More results

Similar Description - G43CFB100M

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
GF04 TOCOS-GF04 Datasheet
198Kb / 4P
   4mm Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
GF12 TOCOS-GF12 Datasheet
538Kb / 11P
   12mm Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
logo
List of Unclassifed Man...
GF063-K ETC1-GF063-K Datasheet
833Kb / 9P
   1/4 SQUARE, SINGLE-TURN, THROUGH-HOLE SEALED CERMET TRIMMERS
logo
TOCOSAMERICA, INC.
GF063-K TOCOS-GF063-K Datasheet
520Kb / 9P
   1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
GF063 TOCOS-GF063 Datasheet
793Kb / 12P
   1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
G43 TOCOS-G43 Datasheet
274Kb / 8P
   4mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
GV6 TOCOS-GV6 Datasheet
298Kb / 5P
   1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
J9WB103K TOCOS-J9WB103K Datasheet
134Kb / 2P
   3/8??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
RJC26 TOCOS-RJC26 Datasheet
161Kb / 3P
   1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
logo
Vishay Siliconix
T73 VISHAY-T73 Datasheet
143Kb / 4P
   1/4" Square Single-Turn Cermet Sealed Trimmers
Revision: 24-Jan-07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com