Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7862PbF Datasheet(PDF) 5 Page - International Rectifier

Part # IRF7862PbF
Description  HEXFETPower MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7862PbF Datasheet(HTML) 5 Page - International Rectifier

  IRF7862PbF Datasheet HTML 1Page - International Rectifier IRF7862PbF Datasheet HTML 2Page - International Rectifier IRF7862PbF Datasheet HTML 3Page - International Rectifier IRF7862PbF Datasheet HTML 4Page - International Rectifier IRF7862PbF Datasheet HTML 5Page - International Rectifier IRF7862PbF Datasheet HTML 6Page - International Rectifier IRF7862PbF Datasheet HTML 7Page - International Rectifier IRF7862PbF Datasheet HTML 8Page - International Rectifier IRF7862PbF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRF7862PbF
www.irf.com
5
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
Fig 9. Maximum Drain Current vs.
Ambient Temperature
Fig 10. Threshold Voltage vs. Temperature
25
50
75
100
125
150
TA , Ambient Temperature (°C)
0
5
10
15
20
25
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
1.0
1.3
1.5
1.8
2.0
2.3
2.5
ID = 250µA
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
t1 , Rectangular Pulse Duration (sec)
0.0001
0.001
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Ri (°C/W)
τi (sec)
1.242
0.000172
4.759
0.031397
28.506
1.2211
15.507
44.5
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
τ
3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
Ci=
τi/Ri
Ci=
τi/Ri
τ
A
τ
A
τ
4
τ
4
R
4
R
4
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJA
A
P
t
t
DM
1
2


Similar Part No. - IRF7862PbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7862PBF IRF-IRF7862PBF Datasheet
607Kb / 9P
   HEXFET Power MOSFET
IRF7862PBF IRF-IRF7862PBF Datasheet
255Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF7862PBF IRF-IRF7862PBF_15 Datasheet
255Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com