Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G32BTB101M Datasheet(PDF) 3 Page - TOCOSAMERICA, INC.

Part # G32BTB101M
Description  3mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

G32BTB101M Datasheet(HTML) 3 Page - TOCOSAMERICA, INC.

  G32BTB101M Datasheet HTML 1Page - TOCOSAMERICA, INC. G32BTB101M Datasheet HTML 2Page - TOCOSAMERICA, INC. G32BTB101M Datasheet HTML 3Page - TOCOSAMERICA, INC. G32BTB101M Datasheet HTML 4Page - TOCOSAMERICA, INC. G32BTB101M Datasheet HTML 5Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
3/5
Soldering Guidelines
G32 Series
Recommended Land Patterns
Flow Soldering Method
G32A
G32B
Reflow Soldering Method
G32A
G32B
Unit: mm
3.2
1.2
R 1.4
0.8
1.2
5.7
2.1
1.6
1.0
1.0
1.8
#1
#3
#2
3.2
1.2
0.8
1.2
4.6
1.2
1.5
0.9
1.0
1.6
#1
#3
#2
3.2
1.2
R 1.4
0.8
1.2
6.6
2.3
2.3
1.0
1.0
1.8
#1
#3
#2
3.2
1.2
0.8
1.2
6.0
1.9
2.2
0.9
1.0
1.6
#1
#3
#2
Effective Date Feb. 2005
Recommended Soldering Profiles
Flow Soldering Profile
Reflow Soldering Profile
Time (min.)
TP 260°C Max. Peak Temp.
TM 230°C Solder Melting Temp.
ts.* 5 sec.
Solder
Melting Time
250
200
150
100
50
12
3
4
(180°C)
(140°C)
Time (min.)
Pre-Heat Zone
2 min.
ts.*40 sec.
Solder
Melting Time
TP 260°C Max. Peak Temp.
250
200
150
100
50
12
3
4
TM 230°C Solder Melting Temp.
(190°C)
(170°C)


Similar Part No. - G32BTB101M

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
G32BTB101 TOCOS-G32BTB101 Datasheet
341Kb / 4P
   Single-Turn Surface Mount Trimmers
More results

Similar Description - G32BTB101M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TS3Y VISHAY-TS3Y Datasheet
116Kb / 2P
   Surface Mount Miniature Trimmers 3mm Single-Turn Cermet Sealed
Revision: 19-Jan-04
logo
TOCOSAMERICA, INC.
G43 TOCOS-G43 Datasheet
274Kb / 8P
   4mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
logo
Vishay Siliconix
TS53Y VISHAY-TS53Y_07 Datasheet
117Kb / 4P
   Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Revision: 27-Jun-07
TS53Y VISHAY-TS53Y Datasheet
128Kb / 3P
   Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Revision: 19-Jan-04
TS53YJ101MR10 VISHAY-TS53YJ101MR10 Datasheet
110Kb / 5P
   Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Revision: 22-Dec-08
logo
Copal Electronics
ST-4 COPAL-ST-4 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Vishay Siliconix
TS5Y VISHAY-TS5Y_07 Datasheet
108Kb / 4P
   Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
Revision: 27-Jun-07
TS5Y VISHAY-TS5Y Datasheet
180Kb / 3P
   Surface Mount Miniature Trimmers Single Turn Cermet Fully Sealed
Revision 04-Mar-02
logo
List of Unclassifed Man...
ST32ETG200 ETC2-ST32ETG200 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Vishay Siliconix
ST-4 VISHAY-ST-4 Datasheet
181Kb / 8P
    Surface Mount Cermet Trimmers (single turn)
Revision: 06-Mar-06
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com