Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G12SB100K Datasheet(PDF) 4 Page - TOCOSAMERICA, INC.

Part # G12SB100K
Description  1/2??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

G12SB100K Datasheet(HTML) 4 Page - TOCOSAMERICA, INC.

  G12SB100K Datasheet HTML 1Page - TOCOSAMERICA, INC. G12SB100K Datasheet HTML 2Page - TOCOSAMERICA, INC. G12SB100K Datasheet HTML 3Page - TOCOSAMERICA, INC. G12SB100K Datasheet HTML 4Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
91
G12X Through-Hole, X Terminal Style, Cross-Slot, Side Adjust
G12X B 100 K
G12X B 200 K
G12X B 500 K
G12X B 101 K
G12X B 201 K
G12X B 501 K
G12X B 102 K
G12X B 202 K
G12X B 502 K
G12X B 103 K
G12X B 203 K
G12X B 503 K
G12X B 104 K
G12X B 204 K
G12X B 504 K
G12X B 105 K
G12X B 100 M
G12X B 200 M
G12X B 500 M
G12X B 101 M
G12X B 201 M
G12X B 501 M
G12X B 102 M
G12X B 202 M
G12X B 502 M
G12X B 103 M
G12X B 203 M
G12X B 503 M
G12X B 104 M
G12X B 204 M
G12X B 504 M
G12X B 105 M
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
Part Numbers
Potentiometer
Styles
Nominal Resistance
Catalog No. Bulk
Value (
Ω)
Code
Resistance
Tolerance
10%
Resistance
Tolerance
20%
G12 Series
Soldering and Cleaning Guidelines
For soldering, cleaning and other information, refer to Guidelines and Precautions for Using Potentiometers.
Packaging
Standard:
Bulk Packaging
Quantity
10 pieces per vinyl bag.
200 pieces per box.
G12X


Similar Part No. - G12SB100K

ManufacturerPart #DatasheetDescription
logo
Powerbox
G12 POWERBOX-G12 Datasheet
503Kb / 1P
   5WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
logo
Shenzhen Taychipst Elec...
G12 TAYCHIPST-G12 Datasheet
1Mb / 3P
   Silicon Z?밆iodes
logo
XP Power Limited
G12 XPPOWER-G12 Datasheet
716Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
EIC discrete Semiconduc...
G120 EIC-G120 Datasheet
26Kb / 1P
   SIDACs
logo
Shenzhen Taychipst Elec...
G120 TAYCHIPST-G120 Datasheet
1Mb / 3P
   Silicon Z?밆iodes
More results

Similar Description - G12SB100K

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RJC06 TOCOS-RJC06 Datasheet
226Kb / 5P
   1/4??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
GF04 TOCOS-GF04 Datasheet
198Kb / 4P
   4mm Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
logo
List of Unclassifed Man...
GF063-K ETC1-GF063-K Datasheet
833Kb / 9P
   1/4 SQUARE, SINGLE-TURN, THROUGH-HOLE SEALED CERMET TRIMMERS
logo
TOCOSAMERICA, INC.
GF063-K TOCOS-GF063-K Datasheet
520Kb / 9P
   1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
GF12 TOCOS-GF12 Datasheet
538Kb / 11P
   12mm Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
G43C TOCOS-G43C Datasheet
278Kb / 3P
   4mm Square, Single-Turn, Through-Hole, Sealed Cermet Trimmers
GF063 TOCOS-GF063 Datasheet
793Kb / 12P
   1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
GV6 TOCOS-GV6 Datasheet
298Kb / 5P
   1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
RJC26 TOCOS-RJC26 Datasheet
161Kb / 3P
   1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
logo
Vishay Siliconix
T73 VISHAY-T73 Datasheet
143Kb / 4P
   1/4" Square Single-Turn Cermet Sealed Trimmers
Revision: 24-Jan-07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com