Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR11672AS Datasheet(PDF) 6 Page - International Rectifier

Part # IR11672AS
Description  ADVANCED SMART RECTIFIER TM CONTROL IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR11672AS Datasheet(HTML) 6 Page - International Rectifier

Back Button IR11672AS Datasheet HTML 2Page - International Rectifier IR11672AS Datasheet HTML 3Page - International Rectifier IR11672AS Datasheet HTML 4Page - International Rectifier IR11672AS Datasheet HTML 5Page - International Rectifier IR11672AS Datasheet HTML 6Page - International Rectifier IR11672AS Datasheet HTML 7Page - International Rectifier IR11672AS Datasheet HTML 8Page - International Rectifier IR11672AS Datasheet HTML 9Page - International Rectifier IR11672AS Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
IR11672AS
www.irf.com
© 2009 International Rectifier
6
Electrical Characteristics
VCC=15V and TA = 25°C unless otherwise specified. The output voltage and current (VO and IO) parameters
are referenced to GND (pin7).
Supply Section
Parameters
Symbol
Min.
Typ.
Max.
Units
Remarks
Supply Voltage Operating
Range
VCC
11.4
18
V
GBD
VCC Turn On Threshold
VCC ON
9.8
10.55
11.3
V
VCC Turn Off Threshold
(Under Voltage Lock Out)
VCC UVLO
8.4
9
9.7
V
VCC Turn On/Off Hysteresis
VCC HYST
1.55
V
8.5
10
mA
CLOAD=1nF,fSW=400kHz
Operating Current
ICC
50
65
mA
CLOAD=10nF,fSW=400kHz
Quiescent Current
IQCC
1.8
2.2
mA
Start-up Current
ICC START
100
200
µA
VCC=VCC ON - 0.1V
Sleep Current
I SLEEP
150
200
µA
VEN=0V, VCC =15V
Enable Voltage High
VENHI
2.15
2.70
3.2
V
Enable Voltage Low
VENLO
1.2
1.6
2.0
V
Enable Pull-up Resistance
REN
1.5
M
Ω
GBD
Comparator Section
Parameters
Symbol
Min.
Typ.
Max.
Units
Remarks
-7
-3.5
0
OVT = 0V, VS=0V
-14
-9.5
-6
OVT floating, VS=0V
Turn-off Threshold
VTH1
-22
-18
-14
mV
OVT = VCC, VS=0V
Turn-on Threshold
VTH2
-150
-50
mV
Hysteresis
VHYST
55
mV
Input Bias Current
IIBIAS1
1
7.5
µA
VD = -50mV
Input Bias Current
IIBIAS2
30
100
µA
VD = 200V
Comparator Input Offset
VOFFSET
2
mV
GBD
Input CM Voltage Range
VCM
-0.15
2
V
One-Shot Section
Parameters
Symbol
Min.
Typ.
Max.
Units
Remarks
Blanking pulse duration
tBLANK
9
17
25
µs
2.5
V
VCC=10V – GBD
Reset Threshold
VTH3
5.4
V
VCC=20V – GBD
Hysteresis
VHYST3
40
mV
VCC=10V – GBD


Similar Part No. - IR11672AS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR11672AS IRF-IR11672AS Datasheet
397Kb / 25P
   ADVANCED SMART RECTIFIER TM CONTROL IC
IR11672AS IRF-IR11672AS Datasheet
633Kb / 26P
   Secondary side high speed SR controller
IR11672AS IRF-IR11672AS_11 Datasheet
397Kb / 25P
   ADVANCED SMART RECTIFIER TM CONTROL IC
IR11672AS IRF-IR11672AS_15 Datasheet
633Kb / 26P
   Secondary side high speed SR controller
More results

Similar Description - IR11672AS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR11662S IRF-IR11662S Datasheet
379Kb / 25P
   ADVANCED SMART RECTIFIER TM CONTROL IC
IR11672AS IRF-IR11672AS_11 Datasheet
397Kb / 25P
   ADVANCED SMART RECTIFIER TM CONTROL IC
logo
Nuvoton Technology Corp...
NCT3012S NUVOTON-NCT3012S Datasheet
466Kb / 17P
   Advanced Power Control IC
logo
International Rectifier
IR1169S IRF-IR1169S Datasheet
355Kb / 27P
   ADVANCED SMARTRECTIFIER CONTROL IC
IRS2168DPBF IRF-IRS2168DPBF Datasheet
307Kb / 21P
   ADVANCED PFC BALLAST CONTROL IC
IRS2168D IRF-IRS2168D_15 Datasheet
317Kb / 21P
   ADVANCED PFC BALLAST CONTROL IC
IR3084A IRF-IR3084A Datasheet
682Kb / 45P
   XPHASE TM VR 10/11 CONTROL IC
IR1168S IRF-IR1168S_15 Datasheet
364Kb / 22P
   DUAL SMART RECTIFIER DRIVER IC
IR1168 IRF-IR1168_11 Datasheet
364Kb / 22P
   DUAL SMART RECTIFIER DRIVER IC
IR11682S IRF-IR11682S Datasheet
313Kb / 22P
   DUAL SMART RECTIFIER DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com