Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRF4104S Datasheet(PDF) 3 Page - International Rectifier

Part # AUIRF4104S
Description  HEXFET짰 Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRF4104S Datasheet(HTML) 3 Page - International Rectifier

  AUIRF4104S Datasheet HTML 1Page - International Rectifier AUIRF4104S Datasheet HTML 2Page - International Rectifier AUIRF4104S Datasheet HTML 3Page - International Rectifier AUIRF4104S Datasheet HTML 4Page - International Rectifier AUIRF4104S Datasheet HTML 5Page - International Rectifier AUIRF4104S Datasheet HTML 6Page - International Rectifier AUIRF4104S Datasheet HTML 7Page - International Rectifier AUIRF4104S Datasheet HTML 8Page - International Rectifier AUIRF4104S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AUIRF4104/S
www.irf.com
3
 Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11).
‚ Limited by TJmax, starting TJ = 25°C, L = 0.04mH
RG = 25Ω, IAS = 75A, VGS =10V. Part not
recommended for use above this value.
ƒ Pulse width ≤ 1.0ms; duty cycle ≤ 2%.
„ Coss eff. is a fixed capacitance that gives the
same charging time as Coss while VDS is rising
from 0 to 80% VDSS .
Notes:
… This value determined from sample failure population,
starting TJ = 25°C, L = 0.04mH, RG = 25Ω, IAS = 75A, VGS =10V
† This is applied to D2Pak, when mounted on 1" square PCB
( FR-4 or G-10 Material ). For recommended footprint and
soldering techniques refer to application note #AN-994.
‡ Rθ is measured at TJ approximately 90°C.
ˆ This is only applied to TO-220AB pakcage.
‰ Calculated continuous current based on maximum allowable
junction temperature. Bond wire current limit is 75A. Note that
current limitations arising from heating of the device leads may
occur with some lead mounting arrangements.
(Refer to AN-1140
http://www.irf.com/technical-info/appnotes/an-1140.pdf)
Qualification Information
TO-220AB
N/A
D
2 PAK
MSL1
RoHS Compliant
Yes
ESD
Machine Model
Class M4
AEC-Q101-002
Human Body Model
Class H1C
AEC-Q101-001
Charged Device
Model
Class C3
AEC-Q101-005
Moisture Sensitivity Level
Qualification Level
Automotive
(per AEC-Q101)
††
Comments:
This
part
number(s)
passed
Automotive
qualification. IR’s Industrial and Consumer qualification level is
granted by extension of the higher Automotive level.
†
Qualification standards can be found at International Rectifier’s web site: http//www.irf.com/
†† Exceptions to AEC-Q101 requirements are noted in the qualification report.


Similar Part No. - AUIRF4104S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRF4104S INFINEON-AUIRF4104S Datasheet
712Kb / 12P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF4104STRL INFINEON-AUIRF4104STRL Datasheet
712Kb / 12P
   AUTOMOTIVE GRADE
2015-9-30
More results

Similar Description - AUIRF4104S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com