Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS13D1-CD81 Datasheet(PDF) 2 Page - Suntan Capacitors

Part # TS13D1-CD81
Description  ALUMINUM ELECTROLYTIC CAPACITOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13D1-CD81 Datasheet(HTML) 2 Page - Suntan Capacitors

  TS13D1-CD81 Datasheet HTML 1Page - Suntan Capacitors TS13D1-CD81 Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITOR
Suntan®
TS13D CD81
Case Size DxL(mm)
Ripple current (mA, 150℃/120Hz)
10
16
25
35
50
63
100
160
250
WV/V
Cap/
μ
F
(1)
(2)
(1)
(2)
(1)
(2)
(1)
(2)
(1)
(2)
(1)
(2)
(1)
(2)
(1)
(2)
(1)
(2)
0.1
--
--
--
--
--
--
--
--
5x11
3
--
--
--
--
5x11
2
--
--
0.22
--
--
--
--
--
--
--
--
5x11
4
--
--
--
--
5x11
3
--
--
0.33
--
--
--
--
--
--
--
--
5x11
5
--
--
--
--
5x11
3
--
--
0.47
--
--
--
--
--
--
--
--
5x11
6
--
--
5x11
6
5x11
4
--
--
0.68
--
--
--
--
--
--
--
--
5x11
7
--
--
5x11
7
5x11
5
--
--
1
--
--
--
--
--
--
--
--
5x11
8
--
--
5x11
9
5x11
6
6.3x11
15
1.5
--
--
--
--
--
--
--
--
5x11
10
--
--
5x11
11
5x11
7
--
--
2.2
--
--
--
--
--
--
--
--
5x11
12
--
--
5x11
13
6.3x11
10
6.3x12
25
3.3
--
--
--
--
--
--
--
--
5x11
15
--
--
5x11
16
6.3x11
12
8x12
35
4.7
--
--
--
--
--
--
--
--
5x11
17
5x11
18
5x11
20
8x12
17
8x12
40
6.8
--
--
--
--
--
--
--
--
5x11
21
5x11
22
6.3x11
26
8x12
21
--
--
10
--
--
--
--
--
--
--
--
5x11
25
6.3x11
27
6.3x12
32
10x12
28
10x16
75
15
--
--
--
--
--
--
--
--
5x11
31
6.3x11
37
8x12
46
10x16
40
--
--
22
--
--
--
--
--
--
5x11
35
5x12
38
6.3x11
45
10x12
62
10x16
54
12.5x20
140
33
--
--
--
--
5x11
39
5x11
42
6.3x11
52
6.3x12
55
10x16
88
12.5x20
75
12.5x20
170
47
--
--
5x11
44
5x12
47
6.3x11
57
6.3x12
62
8x12
77
10x16
105
12.5x20
90
12.5x25
24
68
--
--
5x11
53
6.3x11
63
6.3x11
68
8x12
88
10x12
104
10x20
142
12.5x25
120
--
--
100
5x11
57
6.3x11
72
6.3x12
76
8x12
97
8x12
107
10x12
126
12.5x20
196
16x25
162
16x30
440
150
6.3x11
70
6.3x11
88
8x12
110
10x12
133
10x12
146
10x16
178
12.5x20
340
--
--
--
--
220
6.3x11
95
6.3x12
125
8x12
134
10x12
161
10x16
204
10x20
274
16x25
361
--
--
--
--
330
8x12
137
8x12
153
10x12
183
10x16
228
10x20
279
12.5x20
336
16x25
442
--
--
--
--
470
8x12
163
8x12
204
10x16
252
10x16
304
12.5x20
380
12.5x25
448
16x30
577
--
--
--
--
680
10x12
220
10x16
283
10x20
339
12.5x20
471
12.5x25
511
16x25
598
--
--
--
--
--
--
1000
10x16
307
10x16
384
10x20
468
12.5x20
506
16x25
688
16x30
794
--
--
--
--
--
--
1500
10x20
421
10x20
537
12.5x20
574
16x25
769
16x30
922
--
--
--
--
--
--
--
--
2200
12.5x20
554
12.5x20
813
12.5x25
806
16x25
944
18x35
1168
--
--
--
--
--
--
--
--
3300
12.5x20
650
12.5x25
883
16x25
1020
16x30
1239
--
--
--
--
--
--
--
--
--
--
4700
16x25
924
16x25
1101
16x30
1323
--
--
--
--
--
--
--
--
--
--
--
--
6800
16x30
1134
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TS13D1-CD81

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13D1-CD81 SUNTAN-TS13D1-CD81 Datasheet
303Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D1-CD81 SUNTAN-TS13D1-CD81_17 Datasheet
133Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results

Similar Description - TS13D1-CD81

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DG-CD263 SUNTAN-TS13DG-CD263 Datasheet
354Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71_17 Datasheet
137Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com