Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34037 Datasheet(PDF) 1 Page - SCHOTT CORPORATION

Part # 34037
Description  INDUCTOR, 47 關H, 3 ADC, BUCK
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHOTT [SCHOTT CORPORATION]
Direct Link  http://www.schottcorp.com/default.asp
Logo SCHOTT - SCHOTT CORPORATION

34037 Datasheet(HTML) 1 Page - SCHOTT CORPORATION

  34037 Datasheet HTML 1Page - SCHOTT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATIONS
.740
MAX
.850 ±.020
.450
MAX
.150 MIN
PINS:
.030 X .015 ±.003
1.125
MAX
.140 TYP
INDEX
1
2
3
4
5
6
JUMPER ON PC BOARD 1,2,3
JUMPER ON PC BOARD 4,5,6
PIN NUMBERS ARE FOR
REFERENCE ONLY AND
DO NOT APPEAR ON PART
WAYZATA, MN 55391
CORPORATION
SCHOTT
1000 PARKERS LAKE ROAD
+
-
+
-
+
-
PART NUMBER
REV
PAGE 1 END
A
34037
TOLERANCES
UNLESS OTHERWISE NOTED
2 PLACE
3 PLACE
ANGLE
-
-
°
TITLE
INDUCTOR, 47 µH,
3 ADC, BUCK
1. TEMP CLASS 130°C.
2. INDUCTANCE (1,2,3-4,5,6): 42 - 50 µH
@ 0.1 Vrms, 10 KHz.
3. DC RESISTANCE (1,2,3-4,5,6): 0.025 OHM MAX.
4. HIPOT: 250 VDC.
(2 SECONDS, 5 mA MAX)
THIS INDUCTOR IS FOR USE WITH
NATIONAL SEMICONDUCTOR REGULATORS
LM1575-XX/LM2575-XX
LK1577-XX/LM2577-XX
AGENCY APPROVAL:
N/A
CATALOG NUMBER:
67126980
A
B
C


Similar Part No. - 34037

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3403 ASM-SENSOR-3403 Datasheet
759Kb / 2P
   TACHO HiTESTER
logo
Heyco.
3403 HEYCO-3403 Datasheet
114Kb / 1P
   Heyco® PG and Metric Threaded Plugs
logo
3M Electronics
3403-0000 3M-3403-0000 Datasheet
33Kb / 2P
   100 Card-Edge
3403-0000 3M-3403-0000 Datasheet
265Kb / 2P
   100 Card-Edge Drilled Mounting Flanges
3403-0001 3M-3403-0001 Datasheet
440Kb / 3P
   3M Pak 100 Card-Edge
More results

Similar Description - 34037

ManufacturerPart #DatasheetDescription
logo
SCHOTT CORPORATION
34038 SCHOTT-34038 Datasheet
12Kb / 1P
   INDUCTOR, 68 關H, 3 ADC, BUCK
34046 SCHOTT-34046 Datasheet
13Kb / 1P
   INDUCTOR, 220 關H, 3 ADC, BUCK
34039 SCHOTT-34039 Datasheet
12Kb / 1P
   INDUCTOR, 100 關H, 3 ADC, BUCK
34047 SCHOTT-34047 Datasheet
13Kb / 1P
   INDUCTOR, 330 關H, 3 ADC, BUCK
34045 SCHOTT-34045 Datasheet
13Kb / 1P
   INDUCTOR, 150 關H, 3 ADC, BUCK
34044 SCHOTT-34044 Datasheet
13Kb / 1P
   INDUCTOR, 680 關H, 0.62 ADC, BUCK
34050 SCHOTT-34050 Datasheet
13Kb / 1P
   INDUCTOR, 1000 關H, 0.90 ADC, BUCK
34043 SCHOTT-34043 Datasheet
13Kb / 1P
   INDUCTOR, 470 關H, 0.95 ADC, BUCK
34048 SCHOTT-34048 Datasheet
13Kb / 1P
   INDUCTOR, 470 關H, 1.9 ADC, BUCK
34052 SCHOTT-34052 Datasheet
13Kb / 1P
   INDUCTOR, 2200 關H, 0.42 ADC, BUCK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com