Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS43L22 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 2 Page - Cirrus Logic

  CS43L22 Datasheet HTML 1Page - Cirrus Logic CS43L22 Datasheet HTML 2Page - Cirrus Logic CS43L22 Datasheet HTML 3Page - Cirrus Logic CS43L22 Datasheet HTML 4Page - Cirrus Logic CS43L22 Datasheet HTML 5Page - Cirrus Logic CS43L22 Datasheet HTML 6Page - Cirrus Logic CS43L22 Datasheet HTML 7Page - Cirrus Logic CS43L22 Datasheet HTML 8Page - Cirrus Logic CS43L22 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
2
DS792F2
CS43L22
Confidential Draft
3/4/10
System Features
12, 24, and 27 MHz Master Clock Support in
Addition to Typical Audio Clock Rates
High Performance 24-bit Converters
Multi-bit Delta–Sigma Architecture
Very Low 64Fs Oversampling Clock Reduces
Power Consumption
Low Power Operation
Stereo Analog Passthrough: 10 mW @ 1.8 V
Stereo Playback: 14 mW @ 1.8 V
Variable Power Supplies
1.8 V to 2.5 V Digital & Analog
1.6 V to 5 V Class D Amplifier
1.8 V to 2.5 V Headphone Amplifier
1.8 V to 3.3 V Interface Logic
Power Down Management
DAC, Passthrough Amplifier, Headphone
Amplifier, Speaker Amplifier
Flexible Clocking Options
Master or Slave Operation
Quarter-Speed Mode - (i.e. allows 8 kHz Fs
while maintaining a flat noise floor up to 16 kHz)
4 kHz to 96 kHz Sample Rates
I²CTM Control Port Operation
Headphone/Speaker Detection Input
Pop and Click Suppression
Pin-Compatible w/CS42L52
Applications
PDA’s
Personal Media Players
Portable Game Consoles
General Description
The CS43L22 is a highly integrated, low power stereo DAC
with headphone and Class D speaker amplifiers. The
CS43L22 offers many features suitable for low power, porta-
ble system applications.
The DAC output path includes a digital signal processing en-
gine with various fixed function controls. Tone Control
provides bass and treble adjustment of four selectable corner
frequencies. Digital Volume controls may be configured to
change on soft ramp transitions while the analog controls can
be configured to occur on every zero crossing. The DAC also
includes de-emphasis, limiting functions and a BEEP genera-
tor delivering tones selectable across a range of two full
octaves.
The stereo headphone amplifier is powered from a separate
positive supply and the integrated charge pump provides a
negative supply. This allows a ground-centered analog output
with a wide signal swing and eliminates the need for external
DC-blocking capacitors.
The Class D stereo speaker amplifier does not require an
external filter and provides the high efficiency amplification re-
quired by power sensitive portable applications. The speaker
amplifier may be powered directly from a battery while the in-
ternal DC supply monitoring and compensation provides a
constant gain level as the battery’s voltage decays.
The CS43L22 accommodates analog routing of the analog in-
put signal directly to the headphone amplifier. This feature is
useful in applications that utilize an FM tuner where audio re-
covered over-the-air must be transmitted to the headphone
amplifier directly.
In addition to its many features, the CS43L22 operates from a
low voltage analog and digital core making it ideal for portable
systems that require extremely low power consumption in a
minimal amount of space.
The CS43L22 is available in a 40-pin QFN package in Com-
mercial (-40 to +85 °C) grade. The CS43L22 Customer
Demonstration board is also available for device evaluation
and implementation suggestions. Please refer to “Ordering In-
formation” on page 66 for complete ordering information.


Similar Part No. - CS43L22

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS43L22 CIRRUS-CS43L22 Datasheet
1Mb / 68P
   Low Power, Stereo DAC w/Headphone & Speaker Amps
CS43L22-CNZ CIRRUS-CS43L22-CNZ Datasheet
1Mb / 68P
   Low Power, Stereo DAC w/Headphone & Speaker Amps
CS43L22-CNZR CIRRUS-CS43L22-CNZR Datasheet
1Mb / 68P
   Low Power, Stereo DAC w/Headphone & Speaker Amps
More results

Similar Description - CS43L22

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS43L22 CIRRUS-CS43L22 Datasheet
1Mb / 68P
   Low Power, Stereo DAC w/Headphone & Speaker Amps
CS42L52 CIRRUS-CS42L52 Datasheet
1Mb / 82P
   Low Power, Stereo CODEC w/Headphone & Speaker Amps
CS42L52 CIRRUS-CS42L52_08 Datasheet
1Mb / 82P
   2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
logo
Burr-Brown (TI)
TLV320DAC26 BURR-BROWN-TLV320DAC26 Datasheet
452Kb / 46P
   LOW POWER STEREO AUDIO DAC WITH HEADPHONE/SPEAKER AMPLIFIER
logo
Suzhou Everest Semicond...
ES8155 EVEREST-ES8155 Datasheet
478Kb / 33P
   Low Power Stereo Audio DAC With Headphone Amplifier
logo
Sanyo Semicon Device
LA4820M SANYO-LA4820M Datasheet
677Kb / 20P
   Monaural Speaker/Stereo Headphone Power Amplifier
logo
Cirrus Logic
CS43L43 CIRRUS-CS43L43 Datasheet
973Kb / 36P
   Low Voltage,Stereo DAC With Headphone Amp
CS43L42 CIRRUS-CS43L42 Datasheet
1Mb / 40P
   Low Voltage,Stereo DAC With Headphone Amp
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
   Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Realtek Semiconductor C...
ALC5626 REALTEK-ALC5626 Datasheet
931Kb / 55P
   I2S AUDIO DAC HEADPHONE AND STEREO CLASS-AB/D SPEAKER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com