Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMBJ8.0 Datasheet(PDF) 5 Page - Won-Top Electronics

Part # P6SMBJ8.0
Description  600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

P6SMBJ8.0 Datasheet(HTML) 5 Page - Won-Top Electronics

  P6SMBJ8.0 Datasheet HTML 1Page - Won-Top Electronics P6SMBJ8.0 Datasheet HTML 2Page - Won-Top Electronics P6SMBJ8.0 Datasheet HTML 3Page - Won-Top Electronics P6SMBJ8.0 Datasheet HTML 4Page - Won-Top Electronics P6SMBJ8.0 Datasheet HTML 5Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
P6SMBJ SERIES
5 of 5
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
!
!
!
Package Type
Shipping Quantity
P6SMBJxx-T1
SMB
500/Tape & Reel
P6SMBJxx-T3
SMB
3000/Tape & Reel
P6SMBJxxA-T1
SMB
500/Tape & Reel
P6SMBJxxA-T3
SMB
3000/Tape & Reel
P6SMBJxxC-T1
SMB
500/Tape & Reel
P6SMBJxxC-T3
SMB
3000/Tape & Reel
P6SMBJxxCA-T1
SMB
500/Tape & Reel
P6SMBJxxCA-T3
SMB
3000/Tape & Reel
Products listed in bold are WTE Preferred devices.
!T1 suffix refers to a 7” reel. T3 suffix refers to a 13” reel.
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
RECOMMENDED FOOTPRINT
0.050 MIN
(1.27 MIN)
inches(mm)
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com
0.082 MIN
(2.10 MIN)
0.106 MAX
(2.69 MAX)


Similar Part No. - P6SMBJ8.0

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6SMBJ8.0 PANJIT-P6SMBJ8.0 Datasheet
80Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 600 Watt Peak Power Pulse)
logo
CHENG-YI ELECTRONIC CO....
P6SMBJ8.0 CHENG-YI-P6SMBJ8.0 Datasheet
171Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Surge Components
P6SMBJ8.0 SURGE-P6SMBJ8.0 Datasheet
218Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts???
logo
Pan Jit International I...
P6SMBJ8.0 PANJIT-P6SMBJ8.0 Datasheet
145Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
Transys Electronics
P6SMBJ8.0 TRSYS-P6SMBJ8.0 Datasheet
207Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6SMBJ8.0

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SMBJ5.0A WEITRON-SMBJ5.0A Datasheet
214Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
Marl International Limi...
SMBJ440CA MARL-SMBJ440CA_15 Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Comchip Technology
SMBJ440CA COMCHIP-SMBJ440CA Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMBJ220A ETC2-SMBJ220A Datasheet
14Mb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Weitron Technology
P6SMB WEITRON-P6SMB_07 Datasheet
1Mb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMBJ-AT UNSEMI-SMBJ-AT Datasheet
3Mb / 7P
   600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Shanghai Semitech Semic...
SMBJ440CA SEMITECH-SMBJ440CA Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Weitron Technology
P6SMB WEITRON-P6SMB Datasheet
97Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
DIYI Electronic Technol...
SMBJ5.0 DYELEC-SMBJ5.0 Datasheet
720Kb / 5P
   600W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMBJ3V3A UNSEMI-SMBJ3V3A Datasheet
2Mb / 4P
   600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com