Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M7-T3 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # M7-T3
Description  1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

M7-T3 Datasheet(HTML) 3 Page - Won-Top Electronics

  M7-T3 Datasheet HTML 1Page - Won-Top Electronics M7-T3 Datasheet HTML 2Page - Won-Top Electronics M7-T3 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
M1 – M7
3 of 3
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
!
!
!
Package Type
Shipping Quantity
M1-T1
SMA
1800/Tape & Reel
M1-T3
SMA
5000/Tape & Reel
M2-T1
SMA
1800/Tape & Reel
M2-T3
SMA
5000/Tape & Reel
M3-T1
SMA
1800/Tape & Reel
M3-T3
SMA
5000/Tape & Reel
M4-T1
SMA
1800/Tape & Reel
M4-T3
SMA
5000/Tape & Reel
M5-T1
SMA
1800/Tape & Reel
M5-T3
SMA
5000/Tape & Reel
M6-T1
SMA
1800/Tape & Reel
M6-T3
SMA
5000/Tape & Reel
M7-T1
SMA
1800/Tape & Reel
M7-T3
SMA
5000/Tape & Reel
Products listed in bold are WTE Preferred devices.
!T1 suffix refers to a 7” reel. T3 suffix refers to a 13” reel.
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
RECOMMENDED FOOTPRINT
0.050 MIN
(1.27 MIN)
inches(mm)
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com
0.058 MIN
(1.47 MIN)
0.083 MAX
(2.11 MAX)


Similar Part No. - M7-T3

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
M7-B MITSUMI-M7-B Datasheet
160Kb / 4P
   Adjustable Type Coils
M7-C MITSUMI-M7-C Datasheet
160Kb / 4P
   Adjustable Type Coils
logo
Frontier Electronics.
M7-LFR FRONTIER-M7-LFR Datasheet
123Kb / 2P
   1A SURFACE MOUNT RECTIFIER
logo
Dongguan Pingjingsemi T...
M7-PJ PJSEMI-M7-PJ Datasheet
902Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
logo
DONGGUAN YOU FENG WEI E...
M7-SMA YFWDIODE-M7-SMA Datasheet
97Kb / 2P
   Surface Mount Standard Rectifiers
More results

Similar Description - M7-T3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S1A DIODES-S1A Datasheet
54Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16003 Rev. 8 - 2
S1A DIODES-S1A_10 Datasheet
100Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16003 Rev. 20 - 2
logo
TAITRON Components Inco...
GL41A TAITRON-GL41A Datasheet
245Kb / 6P
   1.0A Surface Mount Glass Passivated Rectifier
logo
Zibo Seno Electronic En...
M1F ZSELEC-M1F Datasheet
478Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S1MDFQ DIODES-S1MDFQ Datasheet
417Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S1G-13 DIODES-S1G-13 Datasheet
101Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S1DB-13-F DIODES-S1DB-13-F Datasheet
120Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S1GB-13 DIODES-S1GB-13 Datasheet
101Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DFLR1600 DIODES-DFLR1600 Datasheet
403Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS30602 Rev. 4 - 2
DFLR1800 DIODES-DFLR1800 Datasheet
78Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS35075 Rev. 2 - 2
S1MB-13 DIODES-S1MB-13 Datasheet
256Kb / 5P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com