Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

35598 Datasheet(PDF) 1 Page - SCHOTT CORPORATION

Part # 35598
Description  TRANSFORMER, ADSL CENTRAL OFFICE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHOTT [SCHOTT CORPORATION]
Direct Link  http://www.schottcorp.com/default.asp
Logo SCHOTT - SCHOTT CORPORATION

35598 Datasheet(HTML) 1 Page - SCHOTT CORPORATION

  35598 Datasheet HTML 1Page - SCHOTT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TRANSFORMER, ADSL
CENTRAL OFFICE
°
-
-
ANGLE
3 PLACE
2 PLACE
35598
2
1 END
PAGE
REV
PART NUMBER
±
TITLE
SPECIFICATIONS
10
7
6
9
1
4
5
2
AGENCY APPROVAL:
PENDING
±
±
TOLERANCES
UNLESS OTHERWISE NOTED
inch
(mm)
1
5
6
10
.098 ±.010
(2.50)
.560 MAX
(14.22)
.500 MAX
(12.7)
.606
(15.39)
.670 ±.010
(17.02)
.035
(0.89)
.710
18.03)
.098
(2.50)
.063
(1.60)
REF PWB LAYOUT
.008
(0.2)
.028
(0.7)
TEMP CLASS 105°C
Designed to meet UL1950/IEC-950 requirements
Working Voltage 250 VRMS, Supplementary Insulation
1. INDUCTANCE: @ 0.1 VRMS, 10 kHz
1-5 (TIE 2&4) = 213 TO 260 µH
10-6 (TIE 7&9) = 426 TO 521 µH
2. LEAKAGE INDUCTANCE: @ 0.1 VRMS, 100 kHz
1-5 tie 2&4 (short 6,7,9,10) = 15 µH MAX
3. IWC: @ 0.1 VRMS, 100 kHz
1-5 TO 10-6 = 30 pF MAX
4. TURNS RATIO: 1-5 : 10-6 TIE 7&9, 4&2 = 1 : 1.41 +/- 1%
5. DC RESISTANCE: OHMS MAX
1-4-2-5 = 0.8
10-7-9-6 = 1.1
6. LONGITUDINAL BALANCE:
V1 = 0 dBm @ 20 kHz TO 250 kHz, Rs = 100 OHMS
INPUT, Rl = 50 OHM LOAD, LINE = 10-6, GROUND
PIN #5, CHIP = 1-5, V2 = 60 dB MIN
7. DIELECTRIC STRENGTH: 1500 VAC, 1 SECOND
1&2 TO 10 & 9
ALL WINDINGS TO CORE
8. HARMONIC DISTORTION: @ 100 kHz, 10-6 = 100 OHM
INPUT, 1-5 = 50 OHM LOAD, V1 = 15 Vp-p, (5.32 Vrms)
V2 = -85 dB MAX,
9. INSERTION LOSS: = 0.5 dB MAX
@ 100 kHz TO 1.0 MHz, LINE = 10-6,
CHIP = 1-5, Rs = 100 OHMS,
Rl = 50 OHMS
CHIP
LINE
1000 PARKERS LAKE ROAD
WAYZATA. MN 55391
(952) 475-1173
© 2000 SCHOTT CORPORATION, 1000 PARKERS LAKE ROAD, WAYZATA MN, 55391 (952) 475-1173
NOTE:
COPLANARITY < .004 (0.10)
NOTE: PIN 3
NOT USED


Similar Part No. - 35598

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3559 ETC-3559 Datasheet
77Kb / 1P
   Heyco짰 Threaded Vent Plugs
logo
Heyco.
3559 HEYCO-3559 Datasheet
88Kb / 1P
   Threaded Vent Plugs
logo
List of Unclassifed Man...
3559B ETC-3559B Datasheet
77Kb / 1P
   Heyco짰 Threaded Vent Plugs
logo
Heyco.
3559B HEYCO-3559B Datasheet
88Kb / 1P
   Threaded Vent Plugs
More results

Similar Description - 35598

ManufacturerPart #DatasheetDescription
logo
SCHOTT CORPORATION
31530 SCHOTT-31530 Datasheet
13Kb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
31427 SCHOTT-31427 Datasheet
15Kb / 1P
   TRANSFORMER, ADSL, CENTRAL OFFICE
31441 SCHOTT-31441 Datasheet
13Kb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
31642 SCHOTT-31642 Datasheet
14Kb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
31429 SCHOTT-31429 Datasheet
17Kb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
31250 SCHOTT-31250 Datasheet
14Kb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
31431 SCHOTT-31431 Datasheet
13Kb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
31405 SCHOTT-31405 Datasheet
14Kb / 1P
   TRANSFORMER, ADSL, CENTRAL OFFICE
36038 SCHOTT-36038 Datasheet
1Mb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
34915 SCHOTT-34915 Datasheet
18Kb / 1P
   TRANSFORMER, ADSL CUSTOMER OFFICE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com