Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP36CA Datasheet(PDF) 5 Page - Won-Top Electronics

Part # 5KP36CA
Description  5000W TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

5KP36CA Datasheet(HTML) 5 Page - Won-Top Electronics

  5KP36CA Datasheet HTML 1Page - Won-Top Electronics 5KP36CA Datasheet HTML 2Page - Won-Top Electronics 5KP36CA Datasheet HTML 3Page - Won-Top Electronics 5KP36CA Datasheet HTML 4Page - Won-Top Electronics 5KP36CA Datasheet HTML 5Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5KP SERIES
5 of 5
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
!
!
!
Package Type
Shipping Quantity
5KPxx-T3
P-600
800/Tape & Reel
5KPxx
P-600
250 Units/Box
5KPxxA-T3
P-600
800/Tape & Reel
5KPxxA
P-600
250 Units/Box
5KPxxC-T3
P-600
800/Tape & Reel
5KPxxC
P-600
250 Units/Box
5KPxxCA-T3
P-600
800/Tape & Reel
5KPxxCA
P-600
250 Units/Box
Products listed in bold are WTE Preferred devices.
!T3 suffix refers to a 13” reel.
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - 5KP36CA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
5KP36CA LUGUANG-5KP36CA Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Surge Components
5KP36CA SURGE-5KP36CA Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
SUNMATE electronic Co.,...
5KP36CA SUNMATE-5KP36CA Datasheet
940Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
logo
Littelfuse
5KP36CA LITTELFUSE-5KP36CA Datasheet
143Kb / 5P
   Transient Voltage Suppression Diodes
logo
SUNMATE electronic Co.,...
5KP36CA SUNMATE-5KP36CA Datasheet
1Mb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
More results

Similar Description - 5KP36CA

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
5KP ZSELEC-5KP Datasheet
231Kb / 5P
   5000W TRANSIENT VOLTAGE SUPPRESSORS
logo
DONGGUAN YOU FENG WEI E...
5KP5.0 YFWDIODE-5KP5.0 Datasheet
79Kb / 4P
   5000W Transient Voltage Suppressors
logo
HuaXinAn Electronics CO...
5.0SMDJ12A HUAXINAN-5.0SMDJ12A Datasheet
468Kb / 5P
   5000W Transient Voltage Suppressors
5KP5.0A HUAXINAN-5KP5.0A_V01 Datasheet
365Kb / 5P
   5000W Transient Voltage Suppressors
logo
Bytesonic Electronics C...
5.0SMDJ BYTESONIC-5.0SMDJ Datasheet
848Kb / 4P
   5000W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
5.0SMDJ-AT UNSEMI-5.0SMDJ-AT Datasheet
2Mb / 5P
   5000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
TP5.0SMDJ UNSEMI-TP5.0SMDJ Datasheet
2Mb / 6P
   10 To 58V 5000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Digitron Semiconductors
5KP5.0 DIGITRON-5KP5.0 Datasheet
291Kb / 4P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
5KP-HF COMCHIP-5KP-HF Datasheet
104Kb / 5P
   5000W Transient Voltage Suppressor
logo
Won-Top Electronics
5KP120 WTE-5KP120 Datasheet
62Kb / 5P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com