Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34601 Datasheet(PDF) 1 Page - SCHOTT CORPORATION

Part # 34601
Description  LM259X Inductor 100 關Hy 1.50 ADC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHOTT [SCHOTT CORPORATION]
Direct Link  http://www.schottcorp.com/default.asp
Logo SCHOTT - SCHOTT CORPORATION

34601 Datasheet(HTML) 1 Page - SCHOTT CORPORATION

  34601 Datasheet HTML 1Page - SCHOTT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTE:
COPLANARITY OF ±.004
ACROSS ALL LEADS
AGENCY APPROVAL:
N/A
+
-
+
-
+
-
PARTNUMBER
REV
PAGE
1
34601
TOLERANCES
UNLESS
OTHERWISE
NOTED
2PLACE
3PLACE
ANGLE
.03
.010
°
TITLE
LM259X Inductor
100 µHy 1.50 ADC
1,2,3,4,5
6,7,8,9,10
B
ELECTRICAL CHARACTERISTICS
Specifications at room temperature (ref. 25°C)
1. INDUCTANCE: @ 10 kHz, 0.1 Vrms,
(1 thru 5 to 6 thru 10 ) = 100 - 130 µH
2. DC RESISTANCE:
(1 thru 5 to 6 thru 10 ) = .090 Ohms Max.
3. SRF: 2.0 MHZ Min.
4. HIPOT: 500 VDC
WINDING TO CORE
2 SEC., 5 mA MAX
GENERAL NOTES:
1. Current rating is the current at which the inductance is a minimum
of 90% of the rated value.
2. All pins may not be used; electrical schematic is based on the
standard footprint.
WAYZATA, MN 55391
CORPORATION
SCHOTT
1000 PARKERS LAKE ROAD
Jumper terminals
on PC Board.
Jumper terminals
on PC Board.
Old Schott P/N: 67144510
1
5
6
10
.100 ±.010
(2.54)
.560 MAX
(14.22)
.560 MAX
(14.22)
SCHOTT
14451
YYWW
.500 MAX
(12.7)
.606
(15.39)
.670 ±.010
(17.02)
.035
(0.89)
.710
18.03)
.100
(2.54)
.063
(1.60)
REF PWB LAYOUT
.012
(0.3)
.008
(0.2)
.028
(0.7)


Similar Part No. - 34601

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3460100000 ETC2-3460100000 Datasheet
2Mb / 164P
   We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
logo
Adels-Contact
346012 ADELS-346012 Datasheet
111Kb / 1P
   GSK 852/12
More results

Similar Description - 34601

ManufacturerPart #DatasheetDescription
logo
SCHOTT CORPORATION
34557 SCHOTT-34557 Datasheet
13Kb / 1P
   LM259X Inductor 100 關Hy 1.50 ADC
34583 SCHOTT-34583 Datasheet
14Kb / 1P
   LM259X Inductor 100 關Hy .55 ADC
34575 SCHOTT-34575 Datasheet
14Kb / 1P
   LM259X Inductor 100 關Hy .25 ADC
34548 SCHOTT-34548 Datasheet
12Kb / 1P
   LM259X Inductor 100 關Hy .76 ADC
34571 SCHOTT-34571 Datasheet
12Kb / 1P
   LM259X Inductor 100 關Hy 3.30 ADC
34539 SCHOTT-34539 Datasheet
12Kb / 1P
   LM259X Inductor 100 關Hy .55 ADC
34592 SCHOTT-34592 Datasheet
16Kb / 1P
   LM259X Inductor 100 關Hy .76 ADC
34531 SCHOTT-34531 Datasheet
12Kb / 1P
   LM259X Inductor 100 關Hy .25 ADC
34578 SCHOTT-34578 Datasheet
14Kb / 1P
   LM259X Inductor 33 關Hy .40 ADC
34586 SCHOTT-34586 Datasheet
14Kb / 1P
   LM259X Inductor 33 關Hy 1.10 ADC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com