Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

08190 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # 08190
Description  WIRE FORM FAN GUARD (176mm)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

08190 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  08190 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTES:
1.
MATERIAL: C1008 BRIGHT BASIC WIRE
2.
FINISH: BRIGHT NICKEL CHROME PLATING
3.
0.35 ± 0.05 DEPTH OF SERRATIONS ON WIRE
4.
RING:
∅1.6 ± 0.1mm
RIB:
∅2.0 ± 0.1mm
5.
GENERAL TOLERANCE UNLESS NOTED IS ± 0.76mm
6.
RoHS COMPLIANT
23
160°
216.4
5.6 + 0.2
Qualtek Electronics Corp.
FAN-S DIVISION
Part Number:
Description:
Tolerance
+/-
(mm)
Dim
range
(mm)
0-5
5-16
16-64
64-250
250-1000
1000-1500
Drawn / Date
Checked / Date
Approved / Date
0.1
0.15
0.2
0.4
0.5
1.0
UNIT: mm
REV: B
B. ZHANG
04-01-03
04-01-03
JJH / 04-01-03
08190
WIRE FORM FAN GUARD (176mm)
CONTROLLED
THESE DRAWINGS ARE THE PROPERTY OF QUALTEK
ELECTRONICS AND NOT TO BE REPRODUCED FOR OR
COMMUNICATED TO A THIRD PARTY WITHOUT THE
EXPRESS WRITTEN PERMISSION OF AN OFFICER OF
QUALTEK ELECTRONICS.
APPROVED
DATE
DESCRIPTION
REV.
REVISION
B
RoHS Compliancy
06-01-06
DP


Similar Part No. - 08190

ManufacturerPart #DatasheetDescription
logo
API Delevan
0819-00K API-0819-00K Datasheet
1Mb / 1P
   Molded Unshielded RF Coils
0819-02K API-0819-02K Datasheet
1Mb / 1P
   Molded Unshielded RF Coils
0819-04K API-0819-04K Datasheet
1Mb / 1P
   Molded Unshielded RF Coils
0819-06K API-0819-06K Datasheet
1Mb / 1P
   Molded Unshielded RF Coils
0819-08K API-0819-08K Datasheet
1Mb / 1P
   Molded Unshielded RF Coils
More results

Similar Description - 08190

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
08170 ETC1-08170 Datasheet
58Kb / 1P
   WIRE FORM FAN GUARD
logo
Qualtek Electronics Cor...
08129 QUALTEK-08129 Datasheet
221Kb / 1P
   WIRE FORM FAN GUARD (120mm)
08130 QUALTEK-08130 Datasheet
247Kb / 1P
   WIRE FORM FAN GUARD (120mm)
08149 QUALTEK-08149 Datasheet
218Kb / 1P
   WIRE FORM FAN GUARD (40mm)
08170 QUALTEK-08170 Datasheet
216Kb / 1P
   WIRE FORM FAN GUARD (120mm)
08245 QUALTEK-08245 Datasheet
197Kb / 1P
   WIRE FORM FAN GUARD (25mm)
08135 QUALTEK-08135 Datasheet
228Kb / 1P
   WIRE FORM FAN GUARD (120mm)
08139 QUALTEK-08139 Datasheet
220Kb / 1P
   WIRE FORM FAN GUARD (120mm)
08141 QUALTEK-08141 Datasheet
228Kb / 1P
   WIRE FORM FAN GUARD (120mm)
08174 QUALTEK-08174 Datasheet
215Kb / 1P
   WIRE FORM FAN GUARD (92mm)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com