Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBU806 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # KBU806
Description  8.0A BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBU806 Datasheet(HTML) 2 Page - Won-Top Electronics

  KBU806 Datasheet HTML 1Page - Won-Top Electronics KBU806 Datasheet HTML 2Page - Won-Top Electronics KBU806 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0.1
1.0
10
100
0.6
0.8
1.0
1.2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics, per element
F
T = 25°C
Pulse width = 300 µs
j
0
50
100
150
200
250
300
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Forward Surge Current
T = 125°C
8.3 ms Single half-sine-wave
j
0.1
1.0
10
0
40
80
120
0.01
PERCENT OF PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics
T = 100°C
j
T = 25°C
j
0
2
4
6
8
0
50
100
150
T , CASE TEMPERATURE (°C)
Fig. 1 Forward Current Derating Curve
C
Mounted on4X4 inch
Copper PC Board
12.7 mm lead length
Heat Sink
10
100
1000
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typ Junction Capacitance per element
R
0.1
T = 25°C
j
f=1MHz
KBU800 – KBU810
2 of 3
© 2002 Won-Top Electronics


Similar Part No. - KBU806

ManufacturerPart #DatasheetDescription
logo
ASEMI TECHNOLOGY., LTD
KBU806 ASEMI-KBU806 Datasheet
115Kb / 2P
   ASEMI Bridge Rectifier
2018.11 Rev.3.1
logo
Jinan Gude Electronic D...
KBU806 JGD-KBU806 Datasheet
139Kb / 2P
   SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Diotech Company.
KBU806 DIOTECH-KBU806 Datasheet
764Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
KBU806 JUXING-KBU806 Datasheet
444Kb / 2P
   SILICON BRIDGE RECTIFIER
logo
RFE international
KBU806 RFE-KBU806 Datasheet
2Mb / 3P
   Bridge Rectifiers
12-19-2022
More results

Similar Description - KBU806

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
D8KB05 ZSELEC-D8KB05 Datasheet
109Kb / 2P
   8.0A BRIDGE RECTIFIER
UR8KB05 ZSELEC-UR8KB05 Datasheet
116Kb / 2P
   8.0A BRIDGE RECTIFIER
UD8KBA05 ZSELEC-UD8KBA05 Datasheet
119Kb / 2P
   8.0A BRIDGE RECTIFIER
UR8KBA05 ZSELEC-UR8KBA05 Datasheet
118Kb / 2P
   8.0A BRIDGE RECTIFIER
UG8KB05 ZSELEC-UG8KB05_V01 Datasheet
104Kb / 2P
   8.0A BRIDGE RECTIFIER
logo
Won-Top Electronics
KBJ8A WTE-KBJ8A Datasheet
48Kb / 3P
   8.0A BRIDGE RECTIFIER
KBPC800 WTE-KBPC800 Datasheet
32Kb / 3P
   8.0A BRIDGE RECTIFIER
logo
New Jersey Semi-Conduct...
PBPC801 NJSEMI-PBPC801 Datasheet
70Kb / 1P
   8.0A BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
UD8KB05 ZSELEC-UD8KB05_V01 Datasheet
104Kb / 2P
   8.0A BRIDGE RECTIFIER
logo
Diodes Incorporated
PBPC801 DIODES-PBPC801 Datasheet
64Kb / 2P
   8.0A BRIDGE RECTIFIER
DS21311 Rev. E-2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com