Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US6T8 Datasheet(PDF) 1 Page - Rohm

Part # US6T8
Description  General purpose amplification (−12V, −1.5A)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

US6T8 Datasheet(HTML) 1 Page - Rohm

  US6T8 Datasheet HTML 1Page - Rohm US6T8 Datasheet HTML 2Page - Rohm US6T8 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
US6T8
Transistors
Rev.B
1/2
General purpose amplification (
−12V, −1.5A)
US6T8
Application
Low frequency amplifier
Driver
Features
1) A collector current is large.
2) Collector saturation voltage is low.
VCE (sat)
≤ −200mV
At IC = −500mA / IB = −25mA
Dimensions (Unit : mm)
ROHM : TUMT6
Abbreviated symbol : T08
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
ICP
PC
Tj
Tstg
Limits
−15
−12
−6
−1.5
400
150
−55 to +150
−3
∗1
Unit
V
V
V
A
A
mW/TOTAL
°C
°C
∗2
1.0
W/TOTAL
∗3
0.7
W/ELEMENT ∗3
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Power dissipation
Junction temperature
Range of storage temperature
∗1 Single pulse, Pw=1ms
∗2 Each Terminal Mounted on a Recommended
∗3 Mounted on a 25mm×25mm× 0.8mm Ceramic substrate
t
Equivalent circuit
(1)
(2)
(3)
(6)
(5)
(4)
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
fT
400
MHz
BVCBO
−15
−−
V
BVCEO
−12
−−
V
BVEBO
−6
−−
V
ICBO
−−
−100
nA
IEBO
−−
−100
nA
VCE(sat)
−−85
−200
mV
hFE
270
680
Cob
12
pF
Transition frequency
Collector-emitter breakdown voltage
Collector-base breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current gain
Corrector output capacitance
∗Pulsed
VCB
= −10V, IE=0A, f=1MHz
VCE
= −2V, IE=200mA, f=100MHz
IC
= −10µA
IC
= −1mA
IE
= −10µA
VCB
= −15V
VEB
= −6V
IC
= −500mA, IB= −25mA
VCE
= −2V, IC= −200mA


Similar Part No. - US6T8

ManufacturerPart #DatasheetDescription
logo
Rohm
US6T8 ROHM-US6T8 Datasheet
69Kb / 3P
   General purpose amplification (−12V, −1.5A)
More results

Similar Description - US6T8

ManufacturerPart #DatasheetDescription
logo
Rohm
QST8 ROHM-QST8 Datasheet
69Kb / 3P
   General purpose amplification (−12V, −1.5A)
US6T8 ROHM-US6T8 Datasheet
69Kb / 3P
   General purpose amplification (−12V, −1.5A)
2SB1732 ROHM-2SB1732_1 Datasheet
110Kb / 3P
   Genera purpose amplification(−12V, −1.5A)
2SB1709 ROHM-2SB1709_1 Datasheet
109Kb / 3P
   Genera purpose amplification(−12V, −1.5A)
2SB1730 ROHM-2SB1730_1 Datasheet
76Kb / 3P
   General purpose amplification(−12V, −2A)
QST2 ROHM-QST2 Datasheet
68Kb / 3P
   General purpose amplification (−12V, −3A)
2SB1690 ROHM-2SB1690_1 Datasheet
75Kb / 3P
   General purpose amplification(−12V, −2A)
US6T9 ROHM-US6T9 Datasheet
106Kb / 3P
   General purpose amplification (-30V, -1A)
QSX7 ROHM-QSX7 Datasheet
69Kb / 3P
   General purpose amplification (12V, 1.5A)
2SD2656 ROHM-2SD2656 Datasheet
75Kb / 3P
   General purpose amplification (30V, 1A)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com