Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBU606 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # KBU606
Description  6.0A BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBU606 Datasheet(HTML) 2 Page - Won-Top Electronics

  KBU606 Datasheet HTML 1Page - Won-Top Electronics KBU606 Datasheet HTML 2Page - Won-Top Electronics KBU606 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0.1
1.0
10
V , INSTANTANEOUS FWD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics, per element
F
T = 25ºC
Pulse Width = 300 ms
j
100
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
0
50
100
150
200
250
1
10
100
8.3ms Single Half Sine-Wave
JEDEC Method
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
10
100
400
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance Per Element
R
T = 25ºC
f = 1MHz
j
0.01
0.1
1.0
10
0
20
40
60
80
100
120
140
RATED PERCENT OF PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics
T = 25ºC
j
T = 100ºC
j
0
1
2
3
4
5
20
40
60
80
100
120
140
T , CASE TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
C
Single Phase Half Wave
60 Hz Resistive or Inductive Load
6
KBU600 – KBU610
2 of 3
© 2002 Won-Top Electronics


Similar Part No. - KBU606

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
KBU606 YFWDIODE-KBU606 Datasheet
780Kb / 3P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Surge Components
KBU606 SURGE-KBU606 Datasheet
114Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers?
logo
Taiwan Semiconductor Co...
KBU606 TSC-KBU606 Datasheet
167Kb / 2P
   Single Phase 6.0 AMPS. Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
KBU606 YFWDIODE-KBU606 Datasheet
210Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
KBU606 JUXING-KBU606 Datasheet
1Mb / 2P
   BRIDGE RECTIFIERS
More results

Similar Description - KBU606

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PBU601 DIODES-PBU601 Datasheet
61Kb / 2P
   6.0A BRIDGE RECTIFIER
DS21307 Rev. F-2
logo
Zibo Seno Electronic En...
6RS101M ZSELEC-6RS101M Datasheet
85Kb / 2P
   6.0A BRIDGE RECTIFIER
logo
Diodes Incorporated
PBPC601 DIODES-PBPC601 Datasheet
53Kb / 2P
   6.0A BRIDGE RECTIFIER
DS21322 Rev. D-2
logo
Zibo Seno Electronic En...
UD6KBA05 ZSELEC-UD6KBA05 Datasheet
118Kb / 2P
   6.0A BRIDGE RECTIFIER
D6KB05 ZSELEC-D6KB05_V01 Datasheet
104Kb / 2P
   6.0A BRIDGE RECTIFIER
UR6KB05 ZSELEC-UR6KB05 Datasheet
118Kb / 2P
   6.0A BRIDGE RECTIFIER
6RS101M ZSELEC-6RS101M_V01 Datasheet
86Kb / 2P
   6.0A BRIDGE RECTIFIER
logo
Tiger Electronic Co.,Lt...
KBU600 TGS-KBU600 Datasheet
53Kb / 3P
   6.0A BRIDGE RECTIFIER
logo
Won-Top Electronics
KBPC600 WTE-KBPC600 Datasheet
40Kb / 3P
   6.0A BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
UG6KB05 ZSELEC-UG6KB05 Datasheet
119Kb / 2P
   6.0A BRIDGE RECTIFIER
GBP601 ZSELEC-GBP601_V01 Datasheet
86Kb / 2P
   6.0A BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com