Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34541 Datasheet(PDF) 1 Page - SCHOTT CORPORATION

Part # 34541
Description  LM259X Inductor 47 關Hy .80 ADC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHOTT [SCHOTT CORPORATION]
Direct Link  http://www.schottcorp.com/default.asp
Logo SCHOTT - SCHOTT CORPORATION

34541 Datasheet(HTML) 1 Page - SCHOTT CORPORATION

  34541 Datasheet HTML 1Page - SCHOTT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
602
14400
YYWW
.375 MAX
(9.53)
.310 MAX
(7.87)
.390 MAX
(9.91)
.110 MIN
.200 ±.010
(5.080
.100 ±.010
(2.54)
NOTCH
LABEL
PINS: .017 Sq.
(O.43)
AGENCYAPPROVAL:
N/A
+
-
+
-
+
-
PARTNUMBER
REV
PAGE
1
34541
TOLERANCES
UNLESS
OTHERWISE
NOTED
2PLACE
3PLACE
ANGLE
.03
.010
°
TITLE
LM259X Inductor
47 µHy .80 ADC
1,2,3
4,5,6
B
ELECTRICAL CHARACTERISTICS
Specifications at room temperature (ref. 25°C)
1. INDUCTANCE: @ 10 kHz, 0.1 Vrms,
(1 thru 3 to 4 thru 6 ) = 47 - 60 µH
2. DC RESISTANCE:
(1 thru 3 to 4 thru 6 ) = .13 Ohms Max.
3. SRF: 2.0 MHZ Min.
4. HIPOT: 500 VDC
WINDING TO CORE
2 SEC., 5 mA MAX
GENERAL NOTES:
1. Current rating is the current at which the inductance is a minimum
of 90% of the rated value.
2. All pins may not be used; electrical schematic is based on the
standard footprint.
WAYZATA, MN 55391
CORPORATION
SCHOTT
1000 PARKERS LAKE ROAD
Jumper terminals
on PC Board.
Jumper terminals
on PC Board.
Old Schott P/N: 67144000
.100 ±.010
TYP
.200 ±.010
PWB LAYOUT
1
3
4
6


Similar Part No. - 34541

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3454 ETC2-3454 Datasheet
246Kb / 2P
   Heyco-Tite Brass Liquid Tight Cordgrips PG Hubs
logo
Heyco.
3454 HEYCO-3454 Datasheet
220Kb / 1P
   Heyco® Original Series-35 Liquid Tight Cordgrips
logo
ASM GmbH
3454-10 ASM-SENSOR-3454-10 Datasheet
510Kb / 2P
   DIGITAL M廓 HiTESTER
3454-11 ASM-SENSOR-3454-11 Datasheet
510Kb / 2P
   DIGITAL M廓 HiTESTER
logo
SCHOTT CORPORATION
34540 SCHOTT-34540 Datasheet
12Kb / 1P
   LM259X Inductor 68 關Hy .70 ADC
More results

Similar Description - 34541

ManufacturerPart #DatasheetDescription
logo
SCHOTT CORPORATION
34585 SCHOTT-34585 Datasheet
14Kb / 1P
   LM259X Inductor 47 關Hy .80 ADC
34550 SCHOTT-34550 Datasheet
12Kb / 1P
   LM259X Inductor 47 關Hy 1.15 ADC
34577 SCHOTT-34577 Datasheet
14Kb / 1P
   LM259X Inductor 47 關Hy .35 ADC
34559 SCHOTT-34559 Datasheet
13Kb / 1P
   LM259X Inductor 47 關Hy 2.25 ADC
34594 SCHOTT-34594 Datasheet
16Kb / 1P
   LM259X Inductor 47 關Hy 1.15 ADC
34533 SCHOTT-34533 Datasheet
12Kb / 1P
   LM259X Inductor 47 關Hy .35 ADC
34603 SCHOTT-34603 Datasheet
15Kb / 1P
   LM259X Inductor 47 關Hy 2.25 ADC
34578 SCHOTT-34578 Datasheet
14Kb / 1P
   LM259X Inductor 33 關Hy .40 ADC
34583 SCHOTT-34583 Datasheet
14Kb / 1P
   LM259X Inductor 100 關Hy .55 ADC
34586 SCHOTT-34586 Datasheet
14Kb / 1P
   LM259X Inductor 33 關Hy 1.10 ADC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com