Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR520K Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SR520K
Description  SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Ampere
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SR520K Datasheet(HTML) 1 Page - Rectron Semiconductor

  SR520K Datasheet HTML 1Page - Rectron Semiconductor SR520K Datasheet HTML 2Page - Rectron Semiconductor SR520K Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SR5200K
THRU
SR520K
D-PAK
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Derating Case Temperature
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
5.0
150
60
3
200
Amps
0
C/W
0
C
Storage Temperature Range
R q J A
R q J C
IO
pF
Operating Temperature Range
TJ
SR520K
20
150
-55 to + 150
0
C
SR530K SR540K SR550K SR560K
30
40
50
60
14
21
28
35
42
20
30
40
50
60
SR580K SR5100K SR5150K SR5200K
SR520K SR530K SR540K SR550K SR560K SR580K SR5100K SR5150K SR5200K
80
100
150
200
80
100
150
200
56
70
105
140
NOTES : 1. Thermal Resistance : Heat-sink case mounted or if PCB mounted.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. "Fully ROHS compliant", "100% Sn plating (Pb-free)".
4. Suffix "R" for Reverse Polarity.
5. Suffix "S" for D2-PAK Pkg.
2006-12
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
mA
Maximum Instantaneous Forward Voltage at 5.0A DC
Volts
0.2
2
@TA = 25
oC
@TA = 100
oC
.55
mA
UNITS
.75
.85
FEATURES
* High reliability
* Low switching loss
* Low forward voltage drop
* High current capability
* High switching capability
* Epoxy: Device has UL flammability classification 94V-O
* Case: Molded plastic
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting: position: Any
* Weight: 0.33 grams
MECHANICAL DATA
.264 (6.7)
.248 (6.3)
.098 (2.5)
.083 (2.1)
.024 (0.6)
.016 (0.4)
.217 (5.5)
.201 (5.1)
.031 (0.8)
.016 (0.4)
.183 (4.65)
TYP .091
(2.30)
TYP .020
(0.50)
.179 (4.55)
PIN 1
PIN 2
PIN 3
HEATSINK
PIN1
PIN2
PIN3


Similar Part No. - SR520K

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR520 WTE-SR520 Datasheet
50Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Leiditech Elec...
SR520 LEIDITECH-SR520 Datasheet
779Kb / 2P
   Axial Series Schottky Barrier Rectifiers
logo
SUNMATE electronic Co.,...
SR520 SUNMATE-SR520 Datasheet
178Kb / 2P
   5.0A Axial Leaded Schottky Barrier Diode
logo
SeCoS Halbleitertechnol...
SR520 SECOS-SR520 Datasheet
215Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
logo
Nanjing International G...
SR520 DGNJDZ-SR520 Datasheet
467Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR520K

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM520 RECTRON-FM520 Datasheet
404Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Ampere
FM520L RECTRON-FM520L Datasheet
360Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Ampere
FM520V RECTRON-FM520V Datasheet
425Kb / 7P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Ampere
2018-05 REV: F
SR2020CS RECTRON-SR2020CS Datasheet
195Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 20.0 Ampere
SR1620C RECTRON-SR1620C Datasheet
183Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 16.0 Ampere
SR820K RECTRON-SR820K Datasheet
194Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 8.0 Ampere
SR2020C RECTRON-SR2020C Datasheet
234Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 20.0 Ampere
SR220 RECTRON-SR220 Datasheet
223Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 2.0 Ampere
FM220L RECTRON-FM220L Datasheet
363Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 2.0 Ampere
FM120B RECTRON-FM120B_V01 Datasheet
286Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
2018-09 REV: A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com