Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBPC2502 Datasheet(PDF) 4 Page - Won-Top Electronics

Part # KBPC2502
Description  15,25,35A HIGH CURRENT BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBPC2502 Datasheet(HTML) 4 Page - Won-Top Electronics

  KBPC2502 Datasheet HTML 1Page - Won-Top Electronics KBPC2502 Datasheet HTML 2Page - Won-Top Electronics KBPC2502 Datasheet HTML 3Page - Won-Top Electronics KBPC2502 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
KBPC15, 25, 35/W SERIES
4 of 4
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
KBPCxx00
Square Bridge
50 Units/Box
KBPCxx00W
Square Bridge
50 Units/Box
KBPCxx01
Square Bridge
50 Units/Box
KBPCxx01W
Square Bridge
50 Units/Box
KBPCxx02
Square Bridge
50 Units/Box
KBPCxx02W
Square Bridge
50 Units/Box
KBPCxx04
Square Bridge
50 Units/Box
KBPCxx04W
Square Bridge
50 Units/Box
KBPCxx06
Square Bridge
50 Units/Box
KBPCxx06W
Square Bridge
50 Units/Box
KBPCxx08
Square Bridge
50 Units/Box
KBPCxx08W
Square Bridge
50 Units/Box
KBPCxx10
Square Bridge
50 Units/Box
KBPCxx10W
Square Bridge
50 Units/Box
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - KBPC2502

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
KBPC2502 SEMTECH-KBPC2502 Datasheet
215Kb / 2P
   10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
Microdiode Electronics ...
KBPC2502 CHENDA-KBPC2502 Datasheet
450Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
KBPC2502 BILIN-KBPC2502 Datasheet
77Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
KBPC2502 SAMYANG-KBPC2502 Datasheet
867Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Shenzhen Ping Sheng Ele...
KBPC2502 PFS-KBPC2502 Datasheet
220Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - KBPC2502

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBPC15S WTE-GBPC15S Datasheet
49Kb / 3P
   15,25,35A IN-LINE BRIDGE RECTIFIER
KBPC15G WTE-KBPC15G Datasheet
55Kb / 4P
   15,25,35A GLASS PASSIVATED BRIDGE RECTIFIER
KBPC15GS WTE-KBPC15GS Datasheet
49Kb / 3P
   15,25,35A GLASS PASSIVATED IN-LINE BRIDGE RECTIFIER
logo
Diotech Company.
GBPC15A DIOTECH-GBPC15A Datasheet
1Mb / 2P
   HIGH CURRENT BRIDGE RECTIFIER
GBPC25A DIOTECH-GBPC25A Datasheet
1Mb / 2P
   HIGH CURRENT BRIDGE RECTIFIER
GBPC35A DIOTECH-GBPC35A Datasheet
1Mb / 2P
   HIGH CURRENT BRIDGE RECTIFIER
logo
SUNMATE electronic Co.,...
KBPC10005 SUNMATE-KBPC10005 Datasheet
1Mb / 2P
   HIGH CURRENT BRIDGE RECTIFIER
logo
Diotech Company.
KBPC35A DIOTECH-KBPC35A Datasheet
926Kb / 2P
   HIGH CURRENT BRIDGE RECTIFIER
GBPC15 DIOTECH-GBPC15 Datasheet
1Mb / 2P
   HIGH CURRENT BRIDGE RECTIFIER
logo
Comchip Technology
KBPC COMCHIP-KBPC Datasheet
59Kb / 3P
   High Current Bridge Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com