Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3KP70C Datasheet(PDF) 5 Page - Won-Top Electronics

Part # 3KP70C
Description  3000W TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

3KP70C Datasheet(HTML) 5 Page - Won-Top Electronics

  3KP70C Datasheet HTML 1Page - Won-Top Electronics 3KP70C Datasheet HTML 2Page - Won-Top Electronics 3KP70C Datasheet HTML 3Page - Won-Top Electronics 3KP70C Datasheet HTML 4Page - Won-Top Electronics 3KP70C Datasheet HTML 5Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3KP SERIES
5 of 5
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
!
!
!
Package Type
Shipping Quantity
3KPxx-T3
P-600
800/Tape & Reel
3KPxx
P-600
250 Units/Box
3KPxxA-T3
P-600
800/Tape & Reel
3KPxxA
P-600
250 Units/Box
3KPxxC-T3
P-600
800/Tape & Reel
3KPxxC
P-600
250 Units/Box
3KPxxCA-T3
P-600
800/Tape & Reel
3KPxxCA
P-600
250 Units/Box
Products listed in bold are WTE Preferred devices.
!T3 suffix refers to a 13” reel.
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - 3KP70C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP70C PANJIT-3KP70C Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
Surge Components
3KP70C SURGE-3KP70C Datasheet
206Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
Formosa MS
3KP70C FORMOSA-3KP70C Datasheet
69Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts
logo
Won-Top Electronics
3KP70C WTE-3KP70C Datasheet
82Kb / 6P
   3000W TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
3KP70C CHENG-YI-3KP70C Datasheet
139Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 3KP70C

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
3KP ZSELEC-3KP Datasheet
230Kb / 5P
   3000W TRANSIENT VOLTAGE SUPPRESSORS
logo
HuaXinAn Electronics CO...
SMDJ5.0CA HUAXINAN-SMDJ5.0CA Datasheet
472Kb / 5P
   3000W Transient Voltage Suppressors
SMDJ5.0CA-3 HUAXINAN-SMDJ5.0CA-3 Datasheet
504Kb / 4P
   3000W Transient Voltage Suppressors
logo
DONGGUAN YOU FENG WEI E...
3KP5.0A YFWDIODE-3KP5.0A Datasheet
603Kb / 5P
   3000W Axial Leaded Transient Voltage Suppressors PPP 3000W
logo
UN Semiconducctor INC
SMDJ-AT UNSEMI-SMDJ-AT Datasheet
2Mb / 6P
   3000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Bytesonic Electronics C...
SMDJ BYTESONIC-SMDJ Datasheet
609Kb / 4P
   3000W Surface Mount Transient Voltage Suppressors
logo
Won-Top Electronics
30SMCJ WTE-30SMCJ Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
UN Semiconducctor INC
SMDT UNSEMI-SMDT Datasheet
2Mb / 5P
   5.0 To 75V 3000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
TPSMDJ UNSEMI-TPSMDJ Datasheet
2Mb / 6P
   10 To 78V 3000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
TAITRON Components Inco...
3KP5.0A TAITRON-3KP5.0A Datasheet
222Kb / 6P
   3000W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com