Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30546 Datasheet(PDF) 1 Page - SCHOTT CORPORATION

Part # 30546
Description  TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHOTT [SCHOTT CORPORATION]
Direct Link  http://www.schottcorp.com/default.asp
Logo SCHOTT - SCHOTT CORPORATION

30546 Datasheet(HTML) 1 Page - SCHOTT CORPORATION

  30546 Datasheet HTML 1Page - SCHOTT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Operating Temperature - 40°C to +85°C
Designed to meet UL1950/IEC950 with
reinforced isolation for working voltage of 150 V
and with supplementary isolation for a working voltage of 300 V
1. INDUCTANCE: @ 0.1 Vrms, 10 kHz
1-5 tie 4&2 = 2.82 to 3.3 mH
2. LEAKAGE INDUCTANCE: @ 0.1 Vrms, 100 kHz
1-5 (tie 4&2) short (9-7) = 11 µH MAX
3. TURNS RATIO: 1-5 (tie 4&2) : 9-7 = 2 : 1 ± 1%
4. DC RESISTANCE: 9-7 = 1.0 OHMS MAX
1-5 (tie 4&2) = 2.5 OHMS MAX
5. DIELECTRIC STRENGTH:
2050 Vac 1 second (alt. 2900 Vdc, 1 second)
Primary to Secondary-Safety Critical
6. LONGITUDINAL BALANCE: 40 kHz to 200 kHz = 53 dB MIN
7. FREQUENCY RESPONSE: 40 kHz to 200 kHz = ± 0.1 dB
8. RETURN LOSS: 20 dB MIN, 40 kHz TO 200 kHz
Rref = 135 OHMS,
RL = 32 OHMS
9. INSERTION LOSS: 0.4 dB MAX, 200 kHz
RS = 135 OHMS,
RL = 32 OHMS
10. THD @ 40 kHz, 14 dBm, = -70 dB Max.
Designed for use with BT8921/BT8970 at 784 kbps.
TRANSFORMER
°
.005
.02
ANGLE
3 PLACE
2 PLACE
UNLESS OTHERWISE NOTED
TOLERANCES
30546
F
1 END
PAGE
REV
PART NUMBER
+
-
+
-
+
-
TITLE
SPECIFICATIONS
1
4
5
2
9
7
WAYZATA, MN 55391
CORPORATION
SCHOTT
1000 PARKERS LAKE ROAD
inches
(mm)
.110 MIN
(2.8)
.500 MAX
(12.70)
10
6
1
5
.560 MAX
(14.22)
.560 MAX
(14.22)
PINS
.020 SQ.
(0.51)
SCHOTT
30546
YYWW
Secondary
Primary
.100
(2.54)
.400 ±.010
(10.16)
REF: PWB PATTERN
.400+/-.010
(10.16)
A
AGENCY APPROVAL:
BABT 609623


Similar Part No. - 30546

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3054 ALLEGRO-3054 Datasheet
87Kb / 12P
   MULTIPLEXED TWO-WIRE HALL-EFFECT SENSOR ICs
logo
KR Electronics, Inc.
3054 KR-3054 Datasheet
34Kb / 2P
   Notch filter 252 KHz Notch Frequency 50 ??SMA Connectors
logo
List of Unclassifed Man...
3054 ETC2-3054 Datasheet
92Kb / 2P
   WASHERS AND NUTS
logo
API Technologies Corp
3054 APITECH-3054 Datasheet
610Kb / 2P
   Manual Step, Ruggedized SMA Connectors
logo
Heyco.
3054 HEYCO-3054 Datasheet
117Kb / 1P
   Pry Out Plugs
More results

Similar Description - 30546

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPS10-13000 TRIAD-VPS10-13000 Datasheet
158Kb / 1P
   POWER TRANSFORMER POWER TRANSFORMER
logo
Pulse A Technitrol Comp...
BX4030 PULSE-BX4030 Datasheet
46Kb / 1P
   VDSL TRANSFORMER VDSL TRANSFORMER
logo
Bel Fuse Inc.
0559-3855-00 BEL-0559-3855-00 Datasheet
56Kb / 1P
   TRANSFORMER
logo
SCHOTT CORPORATION
22632 SCHOTT-22632 Datasheet
13Kb / 1P
   TRANSFORMER
logo
Wurth Elektronik GmbH &...
750871032 WURTH-750871032 Datasheet
54Kb / 1P
   TRANSFORMER
logo
Vicor Corporation
MV036F120M010 VICOR-MV036F120M010_10 Datasheet
711Kb / 10P
   Transformer
logo
Wurth Elektronik GmbH &...
MIC38121-5356X-LF3 WURTH-MIC38121-5356X-LF3 Datasheet
354Kb / 2P
   TRANSFORMER
750310349 WURTH-750310349 Datasheet
167Kb / 1P
   TRANSFORMER
750310617 WURTH-750310617 Datasheet
186Kb / 1P
   TRANSFORMER
750310799 WURTH-750310799 Datasheet
203Kb / 1P
   TRANSFORMER
750310926 WURTH-750310926 Datasheet
139Kb / 1P
   TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com