Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US6J11 Datasheet(PDF) 3 Page - Rohm

Part # US6J11
Description  1.5V Drive PchPch MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

US6J11 Datasheet(HTML) 3 Page - Rohm

  US6J11 Datasheet HTML 1Page - Rohm US6J11 Datasheet HTML 2Page - Rohm US6J11 Datasheet HTML 3Page - Rohm US6J11 Datasheet HTML 4Page - Rohm US6J11 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/4
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.08 - Rev.A
Data Sheet
US6J11
Electrical characteristics curves
0
0.5
1
1.5
2
0
0.2
0.4
0.6
0.8
1
VGS= -1.5V
Ta=25°C
Pulsed
VGS= -10V
VGS= -4.5V
VGS= -2.5V
VGS= -1.8V
VGS= -1.2V
0.001
0.01
0.1
1
10
00.5
11.5
2
VDS= -6V
Pulsed
Ta= 125°C
Ta= 75°C
Ta= 25°C
Ta= - 25°C
10
100
1000
10000
0.01
0.1
1
10
VGS= -1.5V
VGS= -1.8V
VGS= -2.5V
VGS= -4.5V
Ta=25°C
Pulsed
0
0.5
1
1.5
2
02
46
8
10
Ta=25°C
Pulsed
VGS= -4.5V
VGS= -2.5V
VGS= -1.8V
VGS= -1.5V
VGS= -1.2V
VGS= -1.0V
10
100
1000
10000
0.01
0.1
1
10
Ta=125°C
Ta=75°C
Ta=25°C
Ta= -25°C
VGS= -2.5V
Pulsed
10
100
1000
10000
0.01
0.1
1
10
VGS= -4.5V
Pulsed
Ta=125°C
Ta=75°C
Ta=25°C
Ta= -25°C
0.1
1
10
0.01
0.1
1
10
VDS= -6V
Pulsed
Ta= -25°C
Ta=25°C
Ta=75°C
Ta=125°C
10
100
1000
10000
0.01
0.1
1
10
VGS= -1.8V
Pulsed
Ta=125°C
Ta=75°C
Ta=25°C
Ta= -25°C
Fig.1 Typical output characteristics( I )
Fig.2 Typical output characteristics( ΙΙ )
Fig.3 Typical Transfer Characteristics
Fig.4 Static Drain-Source On-State
Resistance vs. Drain Current( Ι )
Fig.5 Static Drain-Source On-State
Resistance vs. Drain Current(ΙΙ )
Fig.6 Static Drain-Source On-State
Resistance vs. Drain Current(ΙΙ Ι )
Fig.7 Static Drain-Source On-State
Resistance vs. Drain Current(IV)
Fig.9 Forward Transfer Admittance
vs. Drain Current
DRAIN-SOURCE VOLTAGE : -VDS[V]
DRAIN-SOURCE VOLTAGE : -VDS[V]
GATE-SOURCE VOLTAGE : -VGS[V]
DRAIN-CURRENT : -ID[A]
DRAIN-CURRENT : -ID[A]
DRAIN-CURRENT : -ID[A]
DRAIN-CURRENT : -ID[A]
DRAIN-CURRENT : -ID[A]
10
100
1000
10000
0.01
0.1
1
10
VGS= -1.5V
Pulsed
Ta=125°C
Ta=75°C
Ta=25°C
Ta= -25°C
Fig.8 Static Drain-Source On-State
Resistance vs. Drain Current(V)
DRAIN-CURRENT : -ID[A]


Similar Part No. - US6J11

ManufacturerPart #DatasheetDescription
logo
Rohm
US6J12 ROHM-US6J12 Datasheet
1Mb / 14P
    -12V PchPch Small Signal MOSFET
20190527 - Rev.002
More results

Similar Description - US6J11

ManufacturerPart #DatasheetDescription
logo
Rohm
TT8J11 ROHM-TT8J11 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
TT8J1 ROHM-TT8J1_09 Datasheet
230Kb / 6P
   1.5V Drive PchPch MOSFET
TT8J13 ROHM-TT8J13 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
QS8J12 ROHM-QS8J12 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
QS6J11 ROHM-QS6J11 Datasheet
227Kb / 5P
   1.5V Drive PchPch MOSFET
QS8J1 ROHM-QS8J1 Datasheet
190Kb / 6P
   1.5V Drive PchPch MOSFET
TT8J21 ROHM-TT8J21_09 Datasheet
201Kb / 6P
   1.5V Drive PchPch MOSFET
QS8J11 ROHM-QS8J11 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
RZL025P01 ROHM-RZL025P01 Datasheet
209Kb / 6P
   1.5V Drive Pch MOSFET
RZR040P01 ROHM-RZR040P01 Datasheet
223Kb / 5P
   1.5V Drive Pch MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com