Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER156-TB Datasheet(PDF) 3 Page - Won-Top Electronics

Part # HER156-TB
Description  1.5A HIGH EFFICIENCY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

HER156-TB Datasheet(HTML) 3 Page - Won-Top Electronics

  HER156-TB Datasheet HTML 1Page - Won-Top Electronics HER156-TB Datasheet HTML 2Page - Won-Top Electronics HER156-TB Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
HER151 – HER158
3 of 3
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
!
!
!
Package Type
Shipping Quantity
HER151-T3
DO-15
4000/Tape & Reel
HER151-TB
DO-15
3000/Tape & Box
HER151
DO-15
1000 Units/Box
HER152-T3
DO-15
4000/Tape & Reel
HER152-TB
DO-15
3000/Tape & Box
HER152
DO-15
1000 Units/Box
HER153-T3
DO-15
4000/Tape & Reel
HER153-TB
DO-15
3000/Tape & Box
HER153
DO-15
1000 Units/Box
HER154-T3
DO-15
4000/Tape & Reel
HER154-TB
DO-15
3000/Tape & Box
HER154
DO-15
1000 Units/Box
HER155-T3
DO-15
4000/Tape & Reel
HER155-TB
DO-15
3000/Tape & Box
HER155
DO-15
1000 Units/Box
HER156-T3
DO-15
4000/Tape & Reel
HER156-TB
DO-15
3000/Tape & Box
HER156
DO-15
1000 Units/Box
HER157-T3
DO-15
4000/Tape & Reel
HER157-TB
DO-15
3000/Tape & Box
HER157
DO-15
1000 Units/Box
HER158-T3
DO-15
4000/Tape & Reel
HER158-TB
DO-15
3000/Tape & Box
HER158
DO-15
1000 Units/Box
Products listed in bold are WTE Preferred devices.
!T3 suffix refers to a 13” reel. TB suffix refers to Ammo Pack.
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - HER156-TB

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER156-TB WTE-HER156-TB Datasheet
58Kb / 4P
   1.5A ULTRAFAST DIODE
More results

Similar Description - HER156-TB

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
HER151 ZSELEC-HER151 Datasheet
109Kb / 2P
   1.5A HIGH EFFICIENCY RECTIFIER
logo
National Semiconductor ...
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
logo
Micrel Semiconductor
MIC38150 MICREL-MIC38150 Datasheet
421Kb / 15P
   1.5A High Efficiency Low Dropout Regulator
logo
National Semiconductor ...
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653 Datasheet
243Kb / 13P
   1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653_05 Datasheet
663Kb / 12P
   1.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2651 TI1-LM2651_14 Datasheet
966Kb / 20P
[Old version datasheet]   1.5A High Efficiency Synchronous Switching Regulator
logo
Shanghai awinic technol...
AW3648 AWINIC-AW3648 Datasheet
2Mb / 37P
   High Efficiency, 1.5A Flash LED Driver
AW3643 AWINIC-AW3643 Datasheet
2Mb / 39P
   High Efficiency, Dual 1.5A Flash LED Driver
logo
Texas Instruments
LM2651 TI-LM2651_15 Datasheet
946Kb / 19P
[Old version datasheet]   LM2651 1.5A High Efficiency Synchronous Switching Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com