Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST3906 Datasheet(PDF) 2 Page - Rohm

Part # SST3906
Description  PNP General Purpose Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SST3906 Datasheet(HTML) 2 Page - Rohm

  SST3906 Datasheet HTML 1Page - Rohm SST3906 Datasheet HTML 2Page - Rohm SST3906 Datasheet HTML 3Page - Rohm SST3906 Datasheet HTML 4Page - Rohm SST3906 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UMT3906/SST3906/MMST3906
Transistors
Rev.B
2/4
Electrical characteristics curves
0
8
6
4
2
10
20
0
10
IB=0
µA
5
10
15
20
25
30
35
40
45
50
Ta=25
°C
VCE-COLLECTOR-EMITTER VOLTAGE (
V)
Fig.1 Grounded emitter output
characteristics
0.1
1.0
10
100
0.2
0.3
0.1
0
IC EMITTER COLLECTOR CURRENT (
mA)
Fig.2 Collector-emitter saturation
voltage vs. collector current
IC / IB=10
Ta=25
°C
0.1
10
1.0
100
1000
100
10
500
5
IC-COLLECTOR CURRENT (
mA)
Fig.3 DC current gain vs.collector current (
Ι )
Ta=25
°C
VCE=5V
1V
3V
0.1
10
1.0
100
1000
100
10
500
5
IC-COLLECTOR CURRENT (
mA)
Fig.4 DC current gain vs. collector current (
ΙΙ )
VCE=5V
Ta=125
°C
Ta=25
°C
Ta=
−55°C


Similar Part No. - SST3906

ManufacturerPart #DatasheetDescription
logo
Rohm
SST3906 ROHM-SST3906 Datasheet
169Kb / 4P
   PNP General Purpose Transistor
SST3906 ROHM-SST3906 Datasheet
104Kb / 5P
   PNP General Purpose Transistor
SST3906 ROHM-SST3906 Datasheet
101Kb / 6P
   PNP General Purpose Transistor
SST3906HZG ROHM-SST3906HZG Datasheet
696Kb / 6P
   PNP General Purpose Transistor
SST3906T116 ROHM-SST3906T116 Datasheet
104Kb / 5P
   PNP General Purpose Transistor
More results

Similar Description - SST3906

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSS9015B PHILIPS-PSS9015B Datasheet
59Kb / 7P
   PNP general purpose transistor
2004 Aug 10
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
   PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 May 31
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 Apr 27
logo
Samsung semiconductor
MMBT4125 SAMSUNG-MMBT4125 Datasheet
30Kb / 1P
   PNP (GENERAL PURPOSE TRANSISTOR)
logo
Bruckewell Technology L...
MMBTA55-A56 BWTECH-MMBTA55-A56 Datasheet
201Kb / 3P
   PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT3906T BILIN-MMBT3906T Datasheet
167Kb / 4P
   PNP General Purpose Transistor
MMBTA55 BILIN-MMBTA55_13 Datasheet
117Kb / 3P
   PNP General Purpose Transistor
MMST5401 BILIN-MMST5401_14 Datasheet
173Kb / 4P
   PNP General Purpose Transistor
2SA1774 BILIN-2SA1774 Datasheet
165Kb / 4P
   PNP General Purpose Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com