Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM6J1N Datasheet(PDF) 3 Page - Rohm

Part # UM6J1N
Description  4V Drive Pch MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UM6J1N Datasheet(HTML) 3 Page - Rohm

  UM6J1N_09 Datasheet HTML 1Page - Rohm UM6J1N_09 Datasheet HTML 2Page - Rohm UM6J1N_09 Datasheet HTML 3Page - Rohm UM6J1N_09 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UM6J1N
Data Sheet
3/3
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.04 - Rev.A
DRAIN CURRENT :
−ID (A)
0.01
0.1
0.1
10
1
1
VGS=
10V
Pulsed
Ta=125
°C
75
°C
25
°C
−25°C
Fig.7 Static Drain-Source
On-State Resistance
vs. Drain Current (
Ι )
DRAIN CURRENT :
−ID (A)
0.01
0.1
0.1
10
1
1
VGS=
4.5V
Pulsed
Ta=125
°C
75
°C
25
°C
−25°C
Fig.8 Static Drain-Source
On-State Resistance
vs. Drain Current (
ΙΙ )
DRAIN CURRENT :
−ID (A)
0.01
0.1
0.1
10
1
1
VGS=
4V
Pulsed
Ta=125
°C
75
°C
25
°C
−25°C
Fig.9 Static Drain-Source
On-State Resistance
vs. Drain Current (
ΙΙΙ )
DRAIN CURRENT :
−ID (A)
Fig.10 Static Drain-Source
On-State Resistance
vs. Drain Current (
Ι )
0.01
0
1
10
0.1
1
Ta=25
°C
Pulsed
VGS=
−4V
VGS=
−10V
VGS=
−4.5V
Notice
This product might cause chip aging and breakdown under the large electrified environment.
Please consider to design ESD protection circuit.


Similar Part No. - UM6J1N_09

ManufacturerPart #DatasheetDescription
logo
Rohm
UM6J1NTN ROHM-UM6J1NTN Datasheet
113Kb / 4P
   4V Drive Pch MOSFET
More results

Similar Description - UM6J1N_09

ManufacturerPart #DatasheetDescription
logo
Rohm
QS8J5 ROHM-QS8J5 Datasheet
285Kb / 6P
   4V Drive Pch Pch MOSFET
SH8J65 ROHM-SH8J65_11 Datasheet
200Kb / 6P
   4V Drive PchPch MOSFET
SH8J62 ROHM-SH8J62 Datasheet
185Kb / 6P
   4V Drive PchPch MOSFET
QS8J4 ROHM-QS8J4 Datasheet
345Kb / 6P
   4V Drive Pch Pch MOSFET
SH8J62TB1 ROHM-SH8J62TB1 Datasheet
140Kb / 6P
   4V Drive Pch Pch MOSFET
SH8J65 ROHM-SH8J65 Datasheet
233Kb / 6P
   4V Drive PchPch MOSFET
SH8J66 ROHM-SH8J66 Datasheet
206Kb / 6P
   4V Drive PchPch MOSFET
RSJ250P10FRA ROHM-RSJ250P10FRA Datasheet
482Kb / 9P
   4V Drive Pch MOSFET
RRH075P03 ROHM-RRH075P03 Datasheet
209Kb / 6P
   4V Drive Pch MOSFET
TT8J2 ROHM-TT8J2_09 Datasheet
216Kb / 6P
   4V Drive Pch MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com