Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBJ8D Datasheet(PDF) 3 Page - Won-Top Electronics

Part # KBJ8D
Description  8.0A BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBJ8D Datasheet(HTML) 3 Page - Won-Top Electronics

  KBJ8D Datasheet HTML 1Page - Won-Top Electronics KBJ8D Datasheet HTML 2Page - Won-Top Electronics KBJ8D Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
KBJ8A – KBJ8M
3 of 3
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
KBJ8A
SIL Bridge
20 Units/Tube
KBJ8B
SIL Bridge
20 Units/Tube
KBJ8D
SIL Bridge
20 Units/Tube
KBJ8G
SIL Bridge
20 Units/Tube
KBJ8J
SIL Bridge
20 Units/Tube
KBJ8K
SIL Bridge
20 Units/Tube
KBJ8M
SIL Bridge
20 Units/Tube
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - KBJ8D

ManufacturerPart #DatasheetDescription
logo
Dc Components
KBJ8D DCCOM-KBJ8D Datasheet
419Kb / 2P
   TECHNICAL SPECIFICATIONS FO SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Galaxy Semi-Conductor H...
KBJ8D BILIN-KBJ8D Datasheet
130Kb / 3P
   Silicon Bridge Rectifiers
logo
Won-Top Electronics
KBJ8D WTE-KBJ8D Datasheet
76Kb / 4P
   8.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
KBJ8D GOOD-ARK-KBJ8D Datasheet
755Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Galaxy Semi-Conductor H...
KBJ8D BILIN-KBJ8D Datasheet
140Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - KBJ8D

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
D8KB05 ZSELEC-D8KB05 Datasheet
109Kb / 2P
   8.0A BRIDGE RECTIFIER
UR8KB05 ZSELEC-UR8KB05 Datasheet
116Kb / 2P
   8.0A BRIDGE RECTIFIER
logo
Won-Top Electronics
KBU800 WTE-KBU800 Datasheet
42Kb / 3P
   8.0A BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
UD8KBA05 ZSELEC-UD8KBA05 Datasheet
119Kb / 2P
   8.0A BRIDGE RECTIFIER
UR8KBA05 ZSELEC-UR8KBA05 Datasheet
118Kb / 2P
   8.0A BRIDGE RECTIFIER
UG8KB05 ZSELEC-UG8KB05_V01 Datasheet
104Kb / 2P
   8.0A BRIDGE RECTIFIER
logo
Won-Top Electronics
KBPC800 WTE-KBPC800 Datasheet
32Kb / 3P
   8.0A BRIDGE RECTIFIER
logo
New Jersey Semi-Conduct...
PBPC801 NJSEMI-PBPC801 Datasheet
70Kb / 1P
   8.0A BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
UD8KB05 ZSELEC-UD8KB05_V01 Datasheet
104Kb / 2P
   8.0A BRIDGE RECTIFIER
logo
Diodes Incorporated
PBPC801 DIODES-PBPC801 Datasheet
64Kb / 2P
   8.0A BRIDGE RECTIFIER
DS21311 Rev. E-2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com