Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBJ25B Datasheet(PDF) 1 Page - Won-Top Electronics

Part # KBJ25B
Description  25A BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBJ25B Datasheet(HTML) 1 Page - Won-Top Electronics

  KBJ25B Datasheet HTML 1Page - Won-Top Electronics KBJ25B Datasheet HTML 2Page - Won-Top Electronics KBJ25B Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KBJ25A – KBJ25M
1 of 3
© 2002 Won-Top Electronics
KBJ25A – KBJ25M
25A BRIDGE RECTIFIER
Features
!
Diffused Junction
!
Low Forward Voltage Drop
A
!
High Current Capability
G
!
High Reliability
!
High Surge Current Capability
B
!
Ideal for Printed Circuit Boards
C
+
~
~
-
                H
K
D
J
E
Mechanical Data
P
R
R
!
Case: Molded Plastic
!
Terminals: Plated Leads Solderable per
M
MIL-STD-202, Method 208
N
!
Polarity: As Marked on Body
!
Weight: 4.0 grams (approx.)
!
Mounting Position: Any
S
!
Marking: Type Number
G
T
L
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
KBJ
25A
KBJ
25B
KBJ
25D
KBJ
25G
KBJ
25J
KBJ
25K
KBJ
25M
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TC = 100°C
(Note 1)
IO
25
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
300
A
Forward Voltage (per element)
@IF = 12.5A
VFM
1.1
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TC = 100°C
IR
10
200
µA
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Device mounted on 7.5 x 7.5 x 0.8cm thick AL plate heatsink.
WTE
POWER SEMICONDUCTORS
KBJ-6
Dim
Min
Max
A
29.7
30.3
B
19.7
20.3
C
4.7
4.9
D
17.0
18.0
E
3.8
4.2
G
3.1Ø
3.4Ø
H
2.3
2.7
J
0.9
1.1
K
2.0
2.4
L
0.6
0.7
M
4.4
4.8
N
3.4
P
9.8
10.2
R
7.3
7.7
S
10.8
11.2
T
2.6
All Dimensions in mm


Similar Part No. - KBJ25B

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ25B WTE-KBJ25B Datasheet
76Kb / 4P
   25A SINGLE-PHASE BRIDGE RECTIFIER
logo
DAESAN ELECTRONIC CORP.
KBJ25B DAESAN-KBJ25B Datasheet
233Kb / 2P
   CURRENT 25.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
KBJ25B BILIN-KBJ25B Datasheet
140Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
KBJ25B CHENG-YI-KBJ25B Datasheet
159Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shenzhen Luguang Electr...
KBJ25B LUGUANG-KBJ25B Datasheet
156Kb / 2P
   Silicon Bridge Rectifiers
More results

Similar Description - KBJ25B

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC25S WTE-KBPC25S Datasheet
66Kb / 4P
   25A SINGLE-PHASE BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBF250 SANYO-DBF250 Datasheet
21Kb / 3P
   25A Single-Phase Bridge Rectifier
logo
TAITRON Components Inco...
MB2505W TAITRON-MB2505W Datasheet
143Kb / 4P
   25A Single-Phase Bridge Rectifier
logo
Shanghai Shunye Electro...
RS2505M SHUNYE-RS2505M Datasheet
1Mb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ25005 ZSELEC-GBJ25005 Datasheet
59Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
D25SB60 LUGUANG-D25SB60 Datasheet
1Mb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBPC25005 DIODES-GBPC25005_1 Datasheet
370Kb / 3P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21209 Rev. 9 - 2
logo
Shanghai Shunye Electro...
RS2501M SY-RS2501M Datasheet
162Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Won-Top Electronics
KBJ25A WTE-KBJ25A_06 Datasheet
76Kb / 4P
   25A SINGLE-PHASE BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
D25SB05 ZSELEC-D25SB05 Datasheet
98Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com