Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER102-T3 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # HER102-T3
Description  1.0A HIGH EFFICIENCY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

HER102-T3 Datasheet(HTML) 2 Page - Won-Top Electronics

  HER102-T3 Datasheet HTML 1Page - Won-Top Electronics HER102-T3 Datasheet HTML 2Page - Won-Top Electronics HER102-T3 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HER101 – HER108
2 of 3
© 2002 Won-Top Electronics
0.01
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
HER101 - HER104
HER106- HER108
T = 25 C
Pulse width = 300 s
j
°
µ
HER105
10
20
30
0
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Peak Forward Surge Current
Pulse width
8.3 ms single half-sine-wave
(JEDEC method)
50V DC
Approx
50
NI (Non-inductive)
10
NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 5/10ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
HER101 - HER105
HER106- HER108
T = 25 C
f = 1.0MHz
j
°
0
0.25
0.50
0.75
1.00
025
50
75
100
125
150
175
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
A
°
Single phase half wave
Resistive or Inductive load


Similar Part No. - HER102-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER102-T3 WTE-HER102-T3 Datasheet
51Kb / 4P
   1.0A ULTRAFAST DIODE
More results

Similar Description - HER102-T3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
HER101 DIODES-HER101 Datasheet
59Kb / 2P
   1.0A HIGH EFFICIENCY RECTIFIER
DS25001 Rev. D-3
logo
Zibo Seno Electronic En...
MUR105 ZSELEC-MUR105 Datasheet
227Kb / 2P
   1.0A HIGH EFFICIENCY RECTIFIER
UF4001 ZSELEC-UF4001 Datasheet
140Kb / 2P
   1.0A HIGH EFFICIENCY RECTIFIER
HER101 ZSELEC-HER101 Datasheet
113Kb / 2P
   1.0A HIGH EFFICIENCY RECTIFIER
logo
Won-Top Electronics
1H1 WTE-1H1 Datasheet
46Kb / 3P
   1.0A MINIATURE HIGH EFFICIENCY RECTIFIER
logo
Zibo Seno Electronic En...
1H1 ZSELEC-1H1 Datasheet
133Kb / 2P
   1.0A MINIATURE HIGH EFFICIENCY RECTIFIER
logo
SUNMATE electronic Co.,...
EGP10A SUNMATE-EGP10A Datasheet
146Kb / 2P
   1.0A Axial Leaded High Efficiency Rectifier
MUR170 SUNMATE-MUR170 Datasheet
140Kb / 2P
   1.0A Axial Leaded High Efficiency Rectifier
logo
Mospec Semiconductor
HER101 MOSPEC-HER101 Datasheet
132Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(1.0A,50-400V)
HER106 MOSPEC-HER106 Datasheet
129Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(1.0A,600-1000V)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com