Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ4700 Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # MMSZ4700
Description  SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MMSZ4700 Datasheet(HTML) 3 Page - Rectron Semiconductor

  MMSZ4700 Datasheet HTML 1Page - Rectron Semiconductor MMSZ4700 Datasheet HTML 2Page - Rectron Semiconductor MMSZ4700 Datasheet HTML 3Page - Rectron Semiconductor MMSZ4700 Datasheet HTML 4Page - Rectron Semiconductor MMSZ4700 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RATING AND CHARACTERISTICS CURVES ( MMSZ4681-MMSZ4717 )
4
6
8
2
0
-2
-3
100
10
1
1.2
0
1.0
0.8
0.6
0.4
0.2
0
25
50
75
100
125
150
1
10
100
2
3
4
5
6
7
8
9
10
11
12
10
100
1000
100
10
1
Figure 1 Temperature Coefficients
(Temperature Range -55OC to +150OC)
Figure 3 Steady State Power Derating
VZ, NOMINAL ZENER VOLTAGE (V)
Figure 2 Temperature Coefficients
(Temperature Range -55OC to +150OC)
VZ, NOMINAL ZENER VOLTAGE (V)
T, TEMPERATURE (OC)
VZ, NOMINAL ZENER VOLTAGE (V)
Figure 5 Effect of Zener Voltage on
Zener Impedance
1000
100
10
1
0.1
1
10
100
1000
PW, PULSE WIDTH (mS)
Figure 4 Maximum Nonrepetitive Surge Power
VZ @ IZT
TYPICAL TC VALUES
TYPICAL TC VALUES
VZ @ IZT
PD versus TL
PD versus TA
RECTANGULAR
WAVEFORM, TA = 25OC
TJ = 25OC
IZ(AC) =0.1 IZ(DC)
f = 1kHz
IZ = 1mA
5mA
20mA


Similar Part No. - MMSZ4700

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MMSZ4700 GE-MMSZ4700 Datasheet
40Kb / 2P
   ZENER DIODES
logo
Foshan Blue Rocket Elec...
MMSZ4700 FOSHAN-MMSZ4700 Datasheet
757Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
logo
EIC discrete Semiconduc...
MMSZ4700 EIC-MMSZ4700 Datasheet
118Kb / 4P
   ZENER DIODES
logo
Micro Commercial Compon...
MMSZ4700 MCC-MMSZ4700 Datasheet
306Kb / 5P
   500mW Silicon Zener Diodes
logo
TAITRON Components Inco...
MMSZ4700 TAITRON-MMSZ4700 Datasheet
156Kb / 6P
   500mW Two Terminals SMD Zener Diodes
More results

Similar Description - MMSZ4700

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MMSZ5221B RECTRON-MMSZ5221B Datasheet
201Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
BZT52C2V4 RECTRON-BZT52C2V4 Datasheet
214Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 500 mWatts
MM1Z5221B RECTRON-MM1Z5221B Datasheet
1Mb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
BZM55C2V4 RECTRON-BZM55C2V4 Datasheet
460Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
BZX84C2V4 RECTRON-BZX84C2V4 Datasheet
179Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 350 mWatts
BZX84C2V4W RECTRON-BZX84C2V4W Datasheet
182Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39Volts POWER RATING 200 mWatts
BZT52B4V3S RECTRON-BZT52B4V3S Datasheet
233Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3 to 39 Volts POWER RATING 410 mWatts
MMBZ5223BW RECTRON-MMBZ5223BW Datasheet
250Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
MMBZ5223B RECTRON-MMBZ5223B Datasheet
249Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 350 mWatts
MMSZ5223BS RECTRON-MMSZ5223BS Datasheet
182Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com