Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER302 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # HER302
Description  3.0A HIGH EFFICIENCY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

HER302 Datasheet(HTML) 1 Page - Won-Top Electronics

  HER302 Datasheet HTML 1Page - Won-Top Electronics HER302 Datasheet HTML 2Page - Won-Top Electronics HER302 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HER301 – HER308
1 of 3
© 2002 Won-Top Electronics
HER301 – HER308
3.0A HIGH EFFICIENCY RECTIFIER
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 1.2 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
!
Epoxy: UL 94V-O rate flame retardant
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
HER
301
HER
302
HER
303
HER
304
HER
305
HER
306
HER
307
HER
308
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
300
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
210
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 55°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
150
A
Forward Voltage
@IF = 3.0A
VFM
1.0
1.3
1.7
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
10.0
100
µA
Reverse Recovery Time (Note 2)
trr
50
75
nS
Typical Junction Capacitance (Note 3)
Cj
80
50
pF
Operating Temperature Range
Tj
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
*Glass passivated forms are available upon request
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WT E
PO W E R SEM IC O ND UC TO R S
DO-201AD
Dim
Min
Max
A
25.4
B
8.50
9.50
C
1.20
1.30
D
5.0
5.60
All Dimensions in mm


Similar Part No. - HER302

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
HER302 PFS-HER302 Datasheet
179Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Mospec Semiconductor
HER302 MOSPEC-HER302 Datasheet
125Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(3.0A,50-400V)
logo
Formosa MS
HER302 FORMOSA-HER302 Datasheet
102Kb / 6P
   Axial Leaded High Effciency Rectifiers
logo
DIOTEC Electronics Corp...
HER302 DEC-HER302 Datasheet
820Kb / 2P
   Ultra fast switching for high efficiency
logo
Micro Commercial Compon...
HER302 MCC-HER302 Datasheet
89Kb / 2P
   3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
More results

Similar Description - HER302

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
HER301 NJSEMI-HER301 Datasheet
376Kb / 1P
   3.0A HIGH EFFICIENCY RECTIFIER
logo
Diodes Incorporated
HER301 DIODES-HER301 Datasheet
58Kb / 2P
   3.0A HIGH EFFICIENCY RECTIFIER
DS25003 Rev. D-3
logo
Mospec Semiconductor
MH36 MOSPEC-MH36 Datasheet
134Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(3.0A,600-1000V)
HER301 MOSPEC-HER301 Datasheet
125Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(3.0A,50-400V)
MH31 MOSPEC-MH31 Datasheet
130Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(3.0A,50-400V)
HER306 MOSPEC-HER306 Datasheet
126Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(3.0A,600-1000V)
logo
Comchip Technology
1N5400 COMCHIP-1N5400 Datasheet
61Kb / 2P
   3.0A Rectifier
logo
Diodes Incorporated
1N5400 DIODES-1N5400_15 Datasheet
63Kb / 3P
   3.0A RECTIFIER
1N5400 DIODES-1N5400 Datasheet
62Kb / 2P
   3.0A RECTIFIER
DS28007 Rev. E-2
1N5400 DIODES-1N5400_1 Datasheet
67Kb / 3P
   3.0A RECTIFIER
DS28007 Rev. 7 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com