Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ4689 Datasheet(PDF) 4 Page - Rectron Semiconductor

Part # MMSZ4689
Description  SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MMSZ4689 Datasheet(HTML) 4 Page - Rectron Semiconductor

  MMSZ4689 Datasheet HTML 1Page - Rectron Semiconductor MMSZ4689 Datasheet HTML 2Page - Rectron Semiconductor MMSZ4689 Datasheet HTML 3Page - Rectron Semiconductor MMSZ4689 Datasheet HTML 4Page - Rectron Semiconductor MMSZ4689 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RATING AND CHARACTERISTICS CURVES ( MMSZ4681-MMSZ4717 )
10
100
1000
1
1000
100
0.1
0.01
0.001
0.0001
10
1
0.00001
100
0.01
10
1
0.1
0
2
4
6
8
10
12
1
10
100
0
10
20
30
40
50
60
70
80
90
Figure 7 Typical Capacitance
Figure 9 Zener Voltage vs. Zener Current
(VZ Up to 12V)
VZ, NOMINAL ZENER VOLTAGE (V)
Figure 8 Typical Leakage Current
VZ, NOMINAL ZENER VOLTAGE (V)
VZ, ZENER VOLTAGE (V)
VZ, ZENER VOLTAGE (V)
100
10
1
0.01
0.1
10
30
50
70
90
Figure 10 Zener Voltage vs. Zener Current
(12 V to 43V)
BIAS AT
50% OF VZ NOM
0 V BIAS
1 V BIAS
TA =25OC
+ 150OC
+ 25OC
- 55OC
TA =25OC
TA =25OC


Similar Part No. - MMSZ4689

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MMSZ4689 GE-MMSZ4689 Datasheet
40Kb / 2P
   ZENER DIODES
logo
Won-Top Electronics
MMSZ4689 WTE-MMSZ4689 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Fairchild Semiconductor
MMSZ4689 FAIRCHILD-MMSZ4689 Datasheet
79Kb / 3P
   Half watt, General purpose, Medium Current Surface Mount Zener in the SOD-123 package
logo
Bruckewell Technology L...
MMSZ4689 BWTECH-MMSZ4689 Datasheet
564Kb / 5P
   SILICON PLANAR ZENER DIODES
logo
EIC discrete Semiconduc...
MMSZ4689 EIC-MMSZ4689 Datasheet
118Kb / 4P
   ZENER DIODES
More results

Similar Description - MMSZ4689

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MMSZ5221B RECTRON-MMSZ5221B Datasheet
201Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
BZT52C2V4 RECTRON-BZT52C2V4 Datasheet
214Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 500 mWatts
MM1Z5221B RECTRON-MM1Z5221B Datasheet
1Mb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
BZM55C2V4 RECTRON-BZM55C2V4 Datasheet
460Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
BZX84C2V4 RECTRON-BZX84C2V4 Datasheet
179Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 350 mWatts
BZX84C2V4W RECTRON-BZX84C2V4W Datasheet
182Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39Volts POWER RATING 200 mWatts
BZT52B4V3S RECTRON-BZT52B4V3S Datasheet
233Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3 to 39 Volts POWER RATING 410 mWatts
MMBZ5223BW RECTRON-MMBZ5223BW Datasheet
250Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
MMBZ5223B RECTRON-MMBZ5223B Datasheet
249Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 350 mWatts
MMSZ5223BS RECTRON-MMSZ5223BS Datasheet
182Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com