Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER155 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # HER155
Description  1.5A HIGH EFFICIENCY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

HER155 Datasheet(HTML) 2 Page - Won-Top Electronics

  HER155 Datasheet HTML 1Page - Won-Top Electronics HER155 Datasheet HTML 2Page - Won-Top Electronics HER155 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HER151 – HER158
2 of 3
© 200
2 Won-Top Electronics
0
0.3
0.6
0.9
1.2
1.5
25
50
75
100
125
150 175
200
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
A
°
Single phase half-wave
60 Hz resistive or inductive load
0.01
0.1
1.0
10
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T = 25 C
j
°
Pulse width = 300 s
µ
HER151 - HER154
HER156 - HER158
HER155
0
20
40
60
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Peak Forward Surge Current
50V DC
Approx
50 NI (Non-inductive)
10 NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
trr
Set time base for 5/10ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25 C
f = 1.0MHz
j
°
HER151 - HER155
HER156 - HER158


Similar Part No. - HER155

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
HER155 CTC-HER155 Datasheet
86Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Jinan Gude Electronic D...
HER155 JGD-HER155 Datasheet
175Kb / 2P
   1.5 AMPS.HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER155 DGNJDZ-HER155 Datasheet
215Kb / 2P
   1.5 AMP HIGH EFFICIENCY RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
HER155 DAESAN-HER155 Datasheet
285Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
logo
SAMYANG ELECTRONICS CO....
HER155 SAMYANG-HER155 Datasheet
511Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results

Similar Description - HER155

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
HER151 ZSELEC-HER151 Datasheet
109Kb / 2P
   1.5A HIGH EFFICIENCY RECTIFIER
logo
National Semiconductor ...
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
logo
Micrel Semiconductor
MIC38150 MICREL-MIC38150 Datasheet
421Kb / 15P
   1.5A High Efficiency Low Dropout Regulator
logo
National Semiconductor ...
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653 Datasheet
243Kb / 13P
   1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653_05 Datasheet
663Kb / 12P
   1.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2651 TI1-LM2651_14 Datasheet
966Kb / 20P
[Old version datasheet]   1.5A High Efficiency Synchronous Switching Regulator
logo
Shanghai awinic technol...
AW3648 AWINIC-AW3648 Datasheet
2Mb / 37P
   High Efficiency, 1.5A Flash LED Driver
AW3643 AWINIC-AW3643 Datasheet
2Mb / 39P
   High Efficiency, Dual 1.5A Flash LED Driver
logo
Texas Instruments
LM2651 TI-LM2651_15 Datasheet
946Kb / 19P
[Old version datasheet]   LM2651 1.5A High Efficiency Synchronous Switching Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com