Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT3906 Datasheet(PDF) 4 Page - Rectron Semiconductor

Part # MMBT3906
Description  SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MMBT3906 Datasheet(HTML) 4 Page - Rectron Semiconductor

  MMBT3906 Datasheet HTML 1Page - Rectron Semiconductor MMBT3906 Datasheet HTML 2Page - Rectron Semiconductor MMBT3906 Datasheet HTML 3Page - Rectron Semiconductor MMBT3906 Datasheet HTML 4Page - Rectron Semiconductor MMBT3906 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RATING AND CHARACTERISTICS CURVES ( MMBT3906 )
70
100
200
300
50
30
0.1
0.2
1.0
2.0
5.0
10
0.3
0.5
3.0
0.7
7.0
2.0
5.0
10
20
1.0
0.2
0.5
0.1
0.2
1.0
2.0
5.0
10
0.3
0.5
3.0
0.7
7.0
7.0
3.0
0.7
0.3
100
50
10
20
0.1
0.2
1.0
2.0
5.0
10
0.3
0.5
3.0
7
5
70
30
0.7
7.0
2.0
3.0
5.0
7.0
10
1.0
0.1
0.2
1.0
2.0
5.0
0.5
10
0.3
0.5
3.0
0.7
0.7
7.0
0.4
0.6
0.8
1.0
0.2
1.0
2.0 5.0
10
20
50
0
100
200
±0.5
0
0.5
1.0
0
60
80
120 140 160 180
20
40
100
200
±1.0
±1.5
±2.0
qVBFOR VBE(sat)
qVCFOR VCE(sat)
+25OC TO +125OC
+25OC TO +125OC
-55OC TO +25OC
-55OC TO +25OC
VCE(sat)@IC/IB=10
VBE(sat)@IC/IB=10
VBE@VCE=1.0V
TJ= 25OC
Figure 11 "ON" Voltages
Figure 12 Temperature Coefficients
Figure 10 Voltage Feedback Ratio
Figure 9 Input lmpedance
Figure 8 Output Admittance
Figure 7 Current Gain
IC,COLLECTOR CURRENT(mA)
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)


Similar Part No. - MMBT3906

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
MMBT3906 KEXIN-MMBT3906 Datasheet
1Mb / 2P
   PNP Transistors
logo
NXP Semiconductors
MMBT3906 PHILIPS-MMBT3906 Datasheet
48Kb / 8P
   PNP switching transistor
2000 Apr 11
logo
First Components Intern...
MMBT3906 FCI-MMBT3906 Datasheet
96Kb / 1P
   200mW PNP Bipolar Transistors
logo
Unisonic Technologies
MMBT3906 UTC-MMBT3906 Datasheet
50Kb / 3P
   GENERAL PURPOSE APPLIATION
logo
DONGGUAN YOU FENG WEI E...
MMBT3906 YFWDIODE-MMBT3906 Datasheet
603Kb / 3P
   PNP Transistors
More results

Similar Description - MMBT3906

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MMBT2907A RECTRON-MMBT2907A Datasheet
305Kb / 5P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BC858A RECTRON-BC858A Datasheet
456Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BCW61C RECTRON-BCW61C Datasheet
299Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BCW61D RECTRON-BCW61D Datasheet
299Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BCW68G RECTRON-BCW68G Datasheet
300Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2SA1037 RECTRON-2SA1037 Datasheet
294Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2SA1235A RECTRON-2SA1235A Datasheet
295Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2SC5344 RECTRON-2SC5344 Datasheet
298Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2SD596 RECTRON-2SD596 Datasheet
298Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2SB709A RECTRON-2SB709A Datasheet
343Kb / 5P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com