Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR307-T3 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # FR307-T3
Description  3.0A FAST RECOVERY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

FR307-T3 Datasheet(HTML) 2 Page - Won-Top Electronics

  FR307-T3 Datasheet HTML 1Page - Won-Top Electronics FR307-T3 Datasheet HTML 2Page - Won-Top Electronics FR307-T3 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FR301 – FR307
2 of 3
© 2002 Won-Top Electronics
0
1
2
3
4
025
50
75
100
125
150
175
A, AMBIENT TEMPERATURE ( C)
Fig. 1 Forward Derating Curve
°
Single phase half wave
Resistive or Inductive load
0.01
0.1
1.0
10
0.6
0.8
1.0
1.2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T = 25 C
Pulse width = 300 s
j
°
µ
10
100
200
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Peak Forward Surge Current
50V DC
Approx
50
NI (Non-inductive)
10
NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 5/10ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25 C
f = 1.0MHz
j
°


Similar Part No. - FR307-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR307-T3 WTE-FR307-T3 Datasheet
55Kb / 4P
   3.0A FAST RECOVERY DIODE
More results

Similar Description - FR307-T3

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TF301 TAITRON-TF301 Datasheet
131Kb / 4P
   3.0A Fast Recovery Rectifier
logo
New Jersey Semi-Conduct...
FR301 NJSEMI-FR301 Datasheet
129Kb / 2P
   3.0A FAST RECOVERY RECTIFIER
logo
Zibo Seno Electronic En...
PR3001 ZSELEC-PR3001 Datasheet
135Kb / 2P
   3.0A FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
FR305-T DIODES-FR305-T Datasheet
50Kb / 2P
   3.0A FAST RECOVERY RECTIFIER
logo
TAITRON Components Inco...
MR850 TAITRON-MR850 Datasheet
133Kb / 4P
   3.0A Fast Recovery Rectifier
logo
Diodes Incorporated
PR3001 DIODES-PR3001_1 Datasheet
368Kb / 3P
   3.0A FAST RECOVERY RECTIFIER
DS26014 Rev. 4 - 2
FR301 DIODES-FR301 Datasheet
57Kb / 2P
   3.0A FAST RECOVERY RECTIFIER
DS26003 Rev. C-3
PR3001 DIODES-PR3001 Datasheet
61Kb / 2P
   3.0A FAST RECOVERY RECTIFIER
DS26014 Rev. A1-2
logo
List of Unclassifed Man...
TF301 ETC2-TF301 Datasheet
131Kb / 4P
   3.0A Fast Recovery Rectifier
logo
Zibo Seno Electronic En...
FR301 ZSELEC-FR301 Datasheet
118Kb / 2P
   3.0A FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com