Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM203C Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # FM203C
Description  SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM203C Datasheet(HTML) 2 Page - Rectron Semiconductor

  FM203C Datasheet HTML 1Page - Rectron Semiconductor FM203C Datasheet HTML 2Page - Rectron Semiconductor FM203C Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RECTRON
RATING AND CHARACTERISTIC CURVES ( FM201C THRU FM207C )
FIG. 1 - TYPICAL FORWARD CURRENT
AMBIENT TEMPERATURE, (
)
DERATING CURVE
2.5
2.0
1.5
1.0
.5
0
0
25
50
75
100
125 150
175
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
FIG. 3 - MAXIMUM NON-REPETITIVE FORWARD
NUMBER OF CYCLES AT 60Hz
SURGE CURRENT
1
2
4
6 8 10
20
40 60 80 100
100
80
60
40
20
0
8.3ms Single Half Sine-Wave
(JEDED Method)
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, ( V )
200
100
60
40
20
10
6
4
2
1
.1
.2
.4
1.0
2
4
10
20 40 100
TJ = 25
TJ = 100
TJ = 25
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0
20
40
60
80
100
120
140
.01
.04
.1
.4
10
1.0
4
FIG. 2 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
TJ = 25
Pulse Width=300uS
1% Duty Cycle
.6
.8
1.0
1.2
1.4
1.5
20
10
4
2
1.0
.4
.2
.1
.04
.02
.01


Similar Part No. - FM203C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM203 RECTRON-FM203 Datasheet
22Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Formosa MS
FM203 FORMOSA-FM203 Datasheet
67Kb / 2P
   Glass passivated type
FM203 FORMOSA-FM203 Datasheet
56Kb / 7P
   Chip General Purpose Rectifiers
FM203-BS FORMOSA-FM203-BS Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM203-L FORMOSA-FM203-L Datasheet
69Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
More results

Similar Description - FM203C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM201 RECTRON-FM201 Datasheet
22Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
HFM201A RECTRON-HFM201A Datasheet
34Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
FFM201 RECTRON-FFM201 Datasheet
24Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
FFM201A RECTRON-FFM201A Datasheet
401Kb / 6P
   SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
HFM201 RECTRON-HFM201 Datasheet
27Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
FM301B RECTRON-FM301B Datasheet
29Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes
FM301 RECTRON-FM301 Datasheet
23Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
FM201L RECTRON-FM201L Datasheet
360Kb / 4P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
RL201G RECTRON-RL201G Datasheet
23Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
FR201G RECTRON-FR201G Datasheet
24Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com