Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFM1200W Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # FFM1200W
Description  FAST RECOVERY RECTIFIER VOLTAGE RANGE 1000 to 1800 Volts CURRENT 0.5 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FFM1200W Datasheet(HTML) 1 Page - Rectron Semiconductor

  FFM1200W Datasheet HTML 1Page - Rectron Semiconductor FFM1200W Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FAST RECOVERY RECTIFIER
VOLTAGE RANGE 1000 to 1800 Volts CURRENT 0.5 Ampere
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Fast switching
* Low leakage
* Low forward voltage drop
* High current capability
* High currenf surge
* High reliability
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
FFM1000W
THRU
FFM1800W
SMX
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
NOTES : 1. Reverse Recovery Test Conditions: IF = 0.5A, IR = -1.0A, IRR =- 0.25A
2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts
Dimensions in inches and (millimeters)
2003-2
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 25
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
0.5
25
15
-55 to + 150
Amps
pF
0 C
FFM1600W
1600
1120
1600
FFM1000W
1000
1000
700
FFM1800W
1800
1800
1260
FFM1500W
1500
1050
1500
FFM1200W
1200
1200
840
FFM1400W
1400
1400
980
at Rated DC Blocking Voltage TA = 25
oC
CHARACTERISTICS
Maximum Full Load Reverse Current Full Cycle Average,
.375” (9.5mm) lead length at TL = 55
oC
Maximum Reverse Recovery Time (Note 1)
VF
SYMBOL
IR
trr
FFM1000W FFM1200W FFM1400W FFM1500W FFM1600W FFM1800W UNITS
1.8
5.0
100
300
uAmps
uAmps
nSec
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 0.5A DC
Volts
.209 (5.31)
.185 (4.70)
.091 (2.31)
.067 (1.70)
.110 (2.79)
.086 (2.18)
.011 (0.28)
.007 (0.18)
.180 (4.57)
.160 (4.06)
.059 (1.50)
.035 (0.89)
.067 (1.70)
.051 (1.30)


Similar Part No. - FFM1200W

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FFM12W RECTRON-FFM12W Datasheet
22Kb / 2P
   FAST RECOVERY RECTIFIER (VOLTAGE RANGE 1000 to 1800 Volts CURRENT 1.0 Ampere)
More results

Similar Description - FFM1200W

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FFM10W RECTRON-FFM10W Datasheet
22Kb / 2P
   FAST RECOVERY RECTIFIER (VOLTAGE RANGE 1000 to 1800 Volts CURRENT 1.0 Ampere)
RL1N1000F RECTRON-RL1N1000F Datasheet
23Kb / 2P
   PHOTOFLASH RECTIFIER (VOLTAGE RANGE 1000 to 1800 Volts CURRENT 0.5 Ampere)
logo
Micro Commercial Compon...
1F10 MCC-1F10 Datasheet
201Kb / 2P
   0.5 Amp Fast Recovery Rectifier 1000 to 1800 Volts
logo
Shanghai Lunsure Electr...
1F10 CHENYI-1F10 Datasheet
170Kb / 2P
   0.5 Amp Fast Recovery Rectifier 1000 to 1800 Volts
logo
Micro Commercial Compon...
1F10 MCC-1F10_08 Datasheet
437Kb / 3P
   0.5 Amp Fast Recovery Rectifier 1000 to 1800 Volts
logo
Rectron Semiconductor
FR101 RECTRON-FR101 Datasheet
25Kb / 2P
   FAST RECOVERY RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
BA157 RECTRON-BA157 Datasheet
29Kb / 2P
   FAST RECOVERY RECTIFIER VOLTAGE RANGE 400 to 1000 Volts CURRENT 1.0 Ampere
logo
Wing Shing Computer Com...
FR101 WINGS-FR101 Datasheet
297Kb / 2P
   FAST RECOVERY RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Rectron Semiconductor
RL101F RECTRON-RL101F Datasheet
25Kb / 2P
   FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
R2000H RECTRON-R2000H Datasheet
468Kb / 5P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER VOLTAGE RANGE 2000 Volts CURRENT 0.5 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com