Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC143ZKA Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # DTC143ZKA
Description  SOT-23-3L DIGITAL TRANSISTORS TRANSISTOR (NPN)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

DTC143ZKA Datasheet(HTML) 3 Page - Rectron Semiconductor

  DTC143ZKA Datasheet HTML 1Page - Rectron Semiconductor DTC143ZKA Datasheet HTML 2Page - Rectron Semiconductor DTC143ZKA Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rectron Inc reserves the right to make changes without notice to any product
specification herein, to make corrections, modifications, enhancements or other
changes. Rectron Inc or anyone on its behalf assumes no responsibility or liabi-
lity for any errors or inaccuracies. Data sheet specifications and its information
contained are intended to provide a product description only. "Typical" paramet-
ers which may be included on RECTRON data sheets and/ or specifications ca-
n and do vary in different applications and actual performance may vary over ti-
me. Rectron Inc does not assume any liability arising out of the application or
use of any product or circuit.
Rectron products are not designed, intended or authorized for use in medical,
life-saving implant or other applications intended for life-sustaining or other rela-
ted applications where a failure or malfunction of component or circuitry may di-
rectly or indirectly cause injury or threaten a life without expressed written appr-
oval of Rectron Inc. Customers using or selling Rectron components for use in
such applications do so at their own risk and shall agree to fully indemnify Rect-
ron Inc and its subsidiaries harmless against all claims, damages and expendit-
ures.
DISCLAIMER NOTICE


Similar Part No. - DTC143ZKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC143ZKA ROHM-DTC143ZKA Datasheet
71Kb / 3P
   Digital transistors (built-in resistors)
DTC143ZKA ROHM-DTC143ZKA Datasheet
86Kb / 4P
   Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC143ZKA SECOS-DTC143ZKA Datasheet
205Kb / 2P
   Digital Transistors (Built-in Resistors)
logo
Rohm
DTC143ZKA ROHM-DTC143ZKA Datasheet
147Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTC143ZKA ROHM-DTC143ZKA Datasheet
79Kb / 4P
   100mA / 50V Digital transistors (with built-in resistors)
More results

Similar Description - DTC143ZKA

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DTC144EKA RECTRON-DTC144EKA Datasheet
376Kb / 3P
   SOT-23-3L DIGITAL TRANSISTORS TRANSISTOR (NPN)
DTC114TKA RECTRON-DTC114TKA Datasheet
348Kb / 3P
   SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC143TKA RECTRON-DTC143TKA Datasheet
351Kb / 3P
   SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC114EKA RECTRON-DTC114EKA Datasheet
444Kb / 3P
   SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC114YKA RECTRON-DTC114YKA Datasheet
353Kb / 3P
   SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC123JKA RECTRON-DTC123JKA Datasheet
353Kb / 3P
   SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC124EKA RECTRON-DTC124EKA Datasheet
353Kb / 3P
   SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC143EKA RECTRON-DTC143EKA Datasheet
353Kb / 3P
   SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC123YKA RECTRON-DTC123YKA Datasheet
353Kb / 3P
   SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC143XKA RECTRON-DTC143XKA Datasheet
354Kb / 3P
   SOT-23-3L DIGITAL TRANSISTORS TRANSISTOR (NPN)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com